Electronic Components Datasheet Search
  English  ▼

X  

29L103C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # 29L103C
Description  Shielded Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

29L103C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  29L103C Datasheet HTML 1Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 2Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 3Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KMP_2900LC_C02 Page 4 of 4
2900L Series
Shielded Surface Mount Inductors
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2018 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
Reel Dimensions
Tape Outline Dimensions
22.4
(0.882)
Max.
15.9-19.4*
(0.626-0.764)
16.4-16.6
(0.646-0.654)
13.50
12.80
0.531
0.504
ØØ
1.50 (0.059) Min.
50 (1.97) Min.
Ø20.20 (Ø0.795) Min.
100 (3.937)
Min.
Leader Section
400 (15.748) Min.
Goods
Enclosure
Section
Trailer Section
160 (6.299) Min.
Ø330.5 (13.012) Max.
All dimension in mm [inches]
* Includes flange distortion at outer edge
† Measured at hub
Reel Quantity: 1000
Unless otherwise stated all dimensions in mm (inches) ±0.1 (0.004)
1.75 (0.069)
Ø1.50
2.00 (0.079)
4.00
(0.157)
0.45 (0.018)
0.35 (0.014)
Direction of unreeling
7.50 (0.295)
12.00 (0.472)
3.40 (0.134)
+0.10
-0.00
(Ø0.059
)
+0.004
-0.00
16.0±0.3
(0.63±0.012)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com