Electronic Components Datasheet Search
  English  ▼

X  

CME Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # CME
Description  Isolated 0.75W Single Output Isolated DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CME Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button CME Datasheet HTML 3Page - Murata Power Solutions Inc. CME Datasheet HTML 4Page - Murata Power Solutions Inc. CME Datasheet HTML 5Page - Murata Power Solutions Inc. CME Datasheet HTML 6Page - Murata Power Solutions Inc. CME Datasheet HTML 7Page - Murata Power Solutions Inc. CME Datasheet HTML 8Page - Murata Power Solutions Inc. CME Datasheet HTML 9Page - Murata Power Solutions Inc. CME Datasheet HTML 10Page - Murata Power Solutions Inc. CME Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CME Series
Isolated 0.75W Single Output Isolated DC/DC Converters
KDC_CME.B01 Page 7 of 11
www.murata-ps.com/support
APPLICATION NOTES (continued)
Output Ripple Reduction
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor
should be such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be
>20MHz.
DC
DC
L
C
Load
Power
Source
Inductor
Capacitor
L, μH
SMD
Through Hole
C, μF
CME0505DC
47
82473C
11R473C
4.7
CME0505SC
47
82473C
11R473C
4.7
CME0512SC
68
82683C
11R683C
1
CME0303S3C
10
82103C
11R103C
4.7
CME0305S3C
47
82473C
11R473C
4.7
CME0505S3C
10
82103C
11R103C
4.7
CME0512S3C
68
82683C
11R683C
0.68
CME0505XPC
22
82223C
11R223C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com