Electronic Components Datasheet Search
  English  ▼

X  

CME Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # CME
Description  Isolated 0.75W Single Output Isolated DC/DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CME Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  CME Datasheet HTML 1Page - Murata Power Solutions Inc. CME Datasheet HTML 2Page - Murata Power Solutions Inc. CME Datasheet HTML 3Page - Murata Power Solutions Inc. CME Datasheet HTML 4Page - Murata Power Solutions Inc. CME Datasheet HTML 5Page - Murata Power Solutions Inc. CME Datasheet HTML 6Page - Murata Power Solutions Inc. CME Datasheet HTML 7Page - Murata Power Solutions Inc. CME Datasheet HTML 8Page - Murata Power Solutions Inc. CME Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CME Series
Isolated 0.75W Single Output Isolated DC/DC Converters
KDC_CME.B01 Page 1 of 11
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
V
V
mA
mA
%
mV p-p
%
pF
MIL.
Tel.
Typ.
Max.
Typ.
Max.
Min.
Typ.
kHrs
CME0505DC
5
5
150
218
10
12
15
25
67
70
30
3400
CME0505SC
5
5
150
218
10
12
15
25
67
70
30
3400
CME0512SC
5
12
63
195
5
7
20
30
72
77
33
2200
3KVDC isolation options
CME0303S3C
3.3
3.3
227
300
9
12
15
25
66
73
30
1230
CME0305S3C
3.3
5
150
300
9
12
15
25
68
73
35
630
CME0505S3C
5
5
150
218
9
12
15
25
65
70
28
2400
CME0512S3C
5
12
63
200
5
7
10
15
70
75
30
630
Short Circuit Protection Options
CME0505SPC
5
5
150
195
7.5
9
11
25
74
76.5
22
2887 47047
CME0505DPC
5
5
150
195
7.5
9
11
25
74
76.5
22
2887 47047
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input types
2.97
3.3
3.63
V
Continuous operation, 5V input types
4.5
5.0
5.5
Input short circuit current
Short circuit variants
95
mA
Input reflected ripple
current
3.3V input types
1.5
2
mA p-p
5V input types
2
2.5
Short circuit types
3
15
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power2
TA=-40°C to 85°C, see derating graphs
0.75
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN ; Short circuit types
1.15
1.2
%/%
High VIN to low VIN ; All other output types
1.0
1.2
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
C Versions Flash tested for 1 second
1000
VDC
3C Versions Flash tested for 1 second
3000
Resistance
Viso= 1000VDC
10
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
CME0505XC
120
kHz
Short circuit types
91
All other types
135
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
260°C
Input voltage VIN, 3.3V input
5.5V
Input voltage VIN, 5V input
7V
1. Calculated using MIL-HDBK-217 FN2 and Telcordia SR-332 calculation model with nominal input voltage at full load.
2. See derating curve.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The CME series are a cost effective 0.75W DC/DC
converter series, in industry standard packages
with industry standard pinout, Popular input and
output voltages are available as a lower power
alternative to a 1W DC/DC converter. The galvanic
isolation allows the device to be configured to
provide an isolated negative rail in systems where
only positive rails exist. The wide temperature
range guarantees startup from –40°C and full 0.75
watt output at 85°C. For the short circuit protected
parts (PC) protection is continuous and
auto-resetting on removal of the short circuit.
FEATURES
Short circuit protection options
UL 60950 recognised
Single Isolated output
1kVDC or 3kVDC option ‘Hi Pot Test’
Wide temperature performance at full
0.75W load -40°C to 85°C
Industry Standard Pinout
3.3V and 5V Inputs
3.3V, 5V & 12V outputs
Pin Compatible with LME, MEE1, MEE3,
NKE, NME, & NML series


Similar Part No. - CME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
312Kb / 13P
Isolated 0.75W Single Output Isolated DC-DC Converters
2020
logo
Advanced Energy Industr...
CME ADVANCEDENERGY-CME Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
CUI INC
CME-1538-100LB CUI-CME-1538-100LB Datasheet
201Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
CUI Devices
CME-1538-100LB CUID-CME-1538-100LB Datasheet
367Kb / 3P
AUDIO KIT
10/26/2022
CME-1538-100LB CUID-CME-1538-100LB Datasheet
554Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results

Similar Description - CME

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
Isolated 1.5W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
logo
GAPTEC Electronic GmbH ...
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com