Electronic Components Datasheet Search
  English  ▼

X  

SCC2000 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCC2000
Description  The purpose of SCC2000 series PCB is to enable fast prototyping
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCC2000 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCC2000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 (4)
Murata Electronics Oy
SCC2000 Series PCB
Doc.No. 82 2057 00
www.murata.com
Rev. A
1
SCC2000 Series Chip Carrier PCB
The purpose of SCC2000 series PCB is to enable fast prototyping.
SCC2000 series PCB includes
•
SCC2000 series sensor soldered on PCB
•
PCB design # 29818 with pin headers
•
Connectors and passive components
Refer to corresponding component specific datasheet when using the SCC2000 series PCB.
Figure 1. SCC2000 series PCB pin out and external connections.
Table 1. BOM of the SCC2000 series PCB.
Item
Qty
Ref
Part Name / type
Value
1
1
C1
Capacitor 0603
470 nF, 50V
2
3
C2-3, C5
Capacitor 0805
1 µF
3
1
C4
Capacitor 0603
100 nF
4
2
C6-7
Capacitor 1210
Optional, assembled with SCC2230-E02 and
SCC2130-D08
47 µF
5
1
L1
Inductor 1210,
Bourns CM322522-470KL
47 µH
6
1
U1
SCC2000 series Gyro Accelerometer
Combo
7
1
J1
8-pin through hole pin header,
pitch 100 mils, pin size 0.63x0.63mm, length ~5.85mm
(example mating part: Samtec: SSQ-107-01-S-S)
8
1
J2
7-pin through hole pin header,
pitch 100 mils, pin size 0.63x0.63mm, length ~5.85mm
(example mating part: Samtec: SSQ-108-01-S-S)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com