Electronic Components Datasheet Search
  English  ▼

X  

SCC2000 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SCC2000
Description  The purpose of SCC2000 series PCB is to enable fast prototyping
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCC2000 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SCC2000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCC2000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 (4)
Murata Electronics Oy
SCC2000 Series PCB
Doc.No. 82 2057 00
www.murata.com
Rev. A
Detailed pictures of SCC2000 series PCB are presented in following pages:
•
PCB layout
•
Assembly drawings
•
Circuit diagram
PCB mechanical dimensions:
•
Length 42.9 mm
•
Width 27.4 mm
•
Height 15.1 mm (incl. components and pin headers)
Figure 2. TOP (left) and BOTTOM (right) layout of SCC2000 series PCB (aspect ratio not 1:1).
Figure 3. TOP (left) and BOTTOM (right) view assembly drawings for SCC2000 series PCB
(aspect ratio not 1:1).
J1 Pin 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com