Electronic Components Datasheet Search
  English  ▼

X  

EL7586ILZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7586ILZ
Description  TFT-LCD Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7586ILZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7586ILZ Datasheet HTML 1Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 2Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 3Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 4Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 5Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 6Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 7Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 8Page - Renesas Technology Corp EL7586ILZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
EL7586, EL7586A
FN9210 Rev 2.00
Page 2 of 21
January 17, 2006
Absolute Maximum Ratings (TA = 25°C)
VDELB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
VDRVP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
VDRVN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
VLX. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
VDRVL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Continuous Junction Temperature . . . . . . . . . . . . 125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 5V, VBOOST = 11V, ILOAD = 200mA, VON = 15V, VOFF = -5V, VLOGIC = 2.5V, over temperature from
-40°C to 85°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY
VS
Supply Voltage
35.5
V
IS
Quiescent Current
(EL7586A)
Enabled, LX not switching
1.7
2.5
mA
Disabled
750
900
µA
IS
Quiescent Current
(EL7586)
Enabled, LX not switching
1.7
2.5
mA
Disabled
10
20
µA
CLOCK
FOSC
Oscillator Frequency
900
1000
1100
kHz
BOOST
VBOOST
Boost Output Range
5.5
20
V
VFBB
Boost Feedback Voltage
TA = 25°C
1.192
1.205
1.218
V
1.188
1.205
1.222
V
VF_FBB
FBB Fault Trip Point
0.9
V
VREF
Reference Voltage
TA = 25°C
1.19
1.215
1.235
V
1.187
1.215
1.238
V
CREF
VREF Capacitor
22
100
nF
DMAX
Maximum Duty Cycle
85
%
ILXMAX
Current Switch
2.0
A
ILEAK
Switch Leakage Current
VLX = 16V
10
µA
rDS(ON
Switch On-Resistance
320
m
Eff
Boost Efficiency
See curves
85
92
%
I(VFBB)
Feedback Input Bias Current
Pl mode, VFBB = 1.35V
50
500
nA
VBOOST/
VIN
Line Regulation
CINT = 4.7nF, IOUT = 100mA, VIN = 3V to
5.5V
0.05
%/V
VBOOST/
IBOOST
Load Regulation - “P” Mode
CINT pin strapped to VDD,
50mA < ILOAD < 250mA
3%
VBOOST/
IBOOST
Load Regulation - “PI” Mode
CINT = 4.7nF, 50mA < IO < 250mA
0.1
%
VCINT_T
CINT Pl Mode Select Threshold
4.7
4.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com