Electronic Components Datasheet Search
  English  ▼

X  

EL7641 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL7641
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL7641 Datasheet HTML 7Page - Renesas Technology Corp EL7641 Datasheet HTML 8Page - Renesas Technology Corp EL7641 Datasheet HTML 9Page - Renesas Technology Corp EL7641 Datasheet HTML 10Page - Renesas Technology Corp EL7641 Datasheet HTML 11Page - Renesas Technology Corp EL7641 Datasheet HTML 12Page - Renesas Technology Corp EL7641 Datasheet HTML 13Page - Renesas Technology Corp EL7641 Datasheet HTML 14Page - Renesas Technology Corp EL7641 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 11 of 19
February 22, 2006
The current through MOSFET is limited to 3A peak. This
restricts the maximum output current based on the following
equation:
Where
IL is peak to peak inductor ripple current, and is set
by:
where fS is the switching frequency.
FIGURE 18. THE BLOCK DIAGRAM OF THE BOOST CONTROLLER
IOMAX
ILMT
IL
2
--------
–

 VIN
VO
---------
=
IL
VIN
L
---------
D
fS
-----
=
IREF
IREF
FBB
IFB
IFB
COMP
VOLTAGE
AMPLIFIER
LX
PGND
SHUTDOWN
& START-UP
CONTROL
GM
AMPLIFIER
SLOPE
COMPENSATION
BUFFER
PWM
LOGIC
CURRENT
AMPLIFIER
CLOCK
REFERENCE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com