Electronic Components Datasheet Search
  English  ▼

X  

EL7641 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EL7641
Description  TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7641 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EL7641 Datasheet HTML 11Page - Renesas Technology Corp EL7641 Datasheet HTML 12Page - Renesas Technology Corp EL7641 Datasheet HTML 13Page - Renesas Technology Corp EL7641 Datasheet HTML 14Page - Renesas Technology Corp EL7641 Datasheet HTML 15Page - Renesas Technology Corp EL7641 Datasheet HTML 16Page - Renesas Technology Corp EL7641 Datasheet HTML 17Page - Renesas Technology Corp EL7641 Datasheet HTML 18Page - Renesas Technology Corp EL7641 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EL7640, EL7641, EL7642
FN7415 Rev 2.00
Page 15 of 19
February 22, 2006
can be appreciated that should a regular supply of LX
switching edges be interrupted, for example during
discontinuous operation at light boost load currents, then this
may affect the performance of VON and VOFF regulation –
depending on their exact loading conditions at the time.
To optimize VON/VOFF regulation, the boundary of
discontinuous/continuous operation of the boost converter can
be adjusted, by suitable choice of inductor given VIN, VOUT,
switching frequency and the VBOOST current loading, to be in
continuous operation.
The following equation gives the boundary between
discontinuous and continuous boost operation. For continuous
operation (LX switching every clock cycle) we require that:
I(VBOOST_load) > D*(1-D)*VIN/(2*L*FOSC)
where the duty cycle, D = (VBOOST – VIN)/VBOOST
For example, with VIN = 5V, FOSC = 1.2MHz and VBOOST =
12V we find continuous operation of the boost converter can
be guaranteed for:
L = 10µH and I(VBOOST) > 51mA
L = 6.8µH and I(VBOOST) > 74mA
L = 3.3µH and I(VBOOST) > 153mA
Start-up Sequence
Figure 23 shows a detailed start-up sequence waveform. For a
successful power-up, there should be 6 peaks at VCDLY. When
a fault is detected, the device will latch off until either EN is
toggled or the input supply is recycled.
When the input voltage is higher than 2.4V, an internal current
source starts to charge CCDLY. During the initial slow ramp, the
device checks whether there is a fault condition. If no fault is
found during the initial ramp, CCDLY is discharged after the first
peak. VREF turns on at the peak of the first ramp.
Initially the boost is not enabled so VBOOST rises to VIN-
VDIODE through the output diode. Hence, there is a step at
VBOOST during this part of the start-up sequence.
VBOOST soft-starts at the beginning of the third ramp, and is
checked at the end of this ramp. The soft-start ramp depends
on the value of the CDLY capacitor. For CDLY of 220nF, the
soft-start time is ~2ms.
VOFF turns on at the start of the fourth peak.
VON is enabled at the beginning of the sixth ramp. VOFF and
VON are checked at end of this ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com