Electronic Components Datasheet Search
  English  ▼

X  

AFK Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AFK
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AFK Datasheet HTML 1Page - Cornell Dubilier Electronics AFK Datasheet HTML 2Page - Cornell Dubilier Electronics AFK Datasheet HTML 3Page - Cornell Dubilier Electronics AFK Datasheet HTML 4Page - Cornell Dubilier Electronics AFK Datasheet HTML 5Page - Cornell Dubilier Electronics AFK Datasheet HTML 6Page - Cornell Dubilier Electronics AFK Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Reflow Solder
Part Numbering System
AFK
106
M
16
B
12T
–F
Type Capacitance Capacitance
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc
Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
108 = 1000.0 µF
25 = 25 Vdc 80 = 80 Vdc
B = Bulk
2A = 100 Vdc
Diameter
4 - 6.3mm
8 - 10mm
12.5 - 18mm
Peak Temperature
250°C
235°C
230°C
Duration at Peak
5s
5s
5s
Time ≥200°C
60s
60s
20s
Number of Reflows
1
1
1
Reflow Solder AFK Type SMT Electrolytics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com