Electronic Components Datasheet Search
  English  ▼

X  

AFK Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # AFK
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  AFK Datasheet HTML 1Page - Cornell Dubilier Electronics AFK Datasheet HTML 2Page - Cornell Dubilier Electronics AFK Datasheet HTML 3Page - Cornell Dubilier Electronics AFK Datasheet HTML 4Page - Cornell Dubilier Electronics AFK Datasheet HTML 5Page - Cornell Dubilier Electronics AFK Datasheet HTML 6Page - Cornell Dubilier Electronics AFK Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Type AFK –55 °C to 105 °C
Typical Performance Curves
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
100
10
0.1
ESR vs. Temperature and Frequency
100
10
1
0.1
ESR vs. Temperature and Frequency
3300 µF @6.3 Vdc (12.5 X 13.5 mm)
100 µF @ 16 Vdc (6.3 X 5.8 mm)
100
–40°C
–20°C
0°C
25°C
45°C
85°C 65°C
105°
–55°C
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
105°C
–55°C
10
1
0.1
1
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
ImpedancevsTemperatureandFrequency
3300µF/6.3V (12.5x13.5mm)
Impedance vs. Temperature and Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
10
1
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
105°C
–55°C
0.1
0.01
0.001
10
100
1,000
10,000
100,000
1,000,000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Dissipation Factor vs.
Frequency (Hz)
Capacitance Change vs. Time
Temperature
(AFK Series Typical Performance)
3
5
0
-5
-10
2
1
-20
0.01
22 µF @ 6.3 Vdc (4 x 5.4 mm)
100 µF @ 6.3 Vdc ( 6.3 x 5.4 mm)
1500 µF @ 6.3 Vdc (10 x 10.2 mm)
0
0
500
1000
1500
2000
2500
3000
3500
-60
-10
40
90
140
47 µF @ 6.3 Vdc (4 X 5.8 mm)
100 µF @ 6.3 Vdc (6.3 X 5.8 mm)
1000 µF @ 6.3 Vdc (8 X 10.2 mm)
Time (Hours)
Temperature (°C)
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com.
-15
Typical Performance Curves
AFK
106
M
16
B
12T
–F
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Part Numbering System
Type Capacitance Capacitance
108 = 1000.0 µF
Typical Performance Curves
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
25 = 25 Vdc 80 = 80 Vdc
B = Bulk
2A = 100 Vdc
Capacitance vs. Temperature and Frequency
3300µF/6.3Vdc (12.5 x 13.5 mm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
65°C
25°C
85°C
0°C
–40°C
45°C
–20°C
105
–55°C
.
10
100
1,000
10,000
100,000
1,000,000
Capacitance vs. Temperature & Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
1.2
65°C
25°C
85°C
0°C
105°C
–40°C
45°
–20°C
–55°C
1
0.8
0.6
0.4
0.2
0
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com.
AFK
106
M
16
B
12T
–F
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Part Numbering System
Type Capacitance Capacitance
108 = 1000.0 µF
Typical Performance Curves
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
25 = 25 Vdc 80 = 80 Vdc
B = Bulk
2A = 100 Vdc
Capacitance vs. Temperature and Frequency
3300µF/6.3Vdc (12.5 x 13.5 mm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
65°C
25°C
85°C
0°C
–40°C
45°C
–20°C
105
–55°C
.
10
100
1,000
10,000
100,000
1,000,000
Capacitance vs. Temperature & Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
1.2
65°C
25°C
85°C
0°C
105°C
–40°C
45°
–20°C
–55°C
1
0.8
0.6
0.4
0.2
0
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com