Electronic Components Datasheet Search
  English  ▼

X  

AVS Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AVS
Description  SMT Aluminum Electrolytic Capacitors - General Purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
Part Numbering System
*Overall case height (L dimension) is 5.7 mm ±0.3 mm
AVS
106
M
16
B
12T
–F
I
I
I
I
I
I
Type
Capacitance
104 = 0.1 µF
105 = 1.0 µF
106 = 10 µF
107 = 100 µF
108 = 1000 µF
Capacitance
Tolerance
M = ±20%
Voltage
Case
Code
Packaging
Information
12 = Carrier Tape
Width (mm)
T = Tape & Reel
B = Bulk
RoHS
Compliant
04 = 4 Vdc
06 = 6.3 Vdc
10 = 10 Vdc
16 = 16 Vdc
25 = 25 Vdc
35 = 35 Vdc
50 = 50 Vdc
63 = 63 Vdc
2A = 100 Vdc
Max.
Dissipation
ESR @
Ripple Current
Size
Cap
CaT-Falog
DCL
Factor @
120 Hz/20 °C
120 Hz/85 °C
Case
D x L
Quantity
(µF)
ParT-F Number
(µA)
120 Hz
(Ohms)
(mA)
Code
(mm)
per Reel
35 Vdc (44 Vdc Surge)
2.2
AVS225M35A12T-F*
3.0
0.14
105.6
8
A
3 x 5.4
2000
3.3
AVS335M35A12T-F*
3.0
0.14
70.4
10
A
3 x 5.4
2000
4.7
AVS475M35B12T-F
3.0
0.12
42.4
22
B
4 x 5.4
2000
10
AVS106M35B12T-F
3.5
0.16
26.5
22
B
4 x 5.4
2000
10
AVS106M35C12T-F
3.5
0.12
19.9
30
C
5 x 5.4
1000
22
AVS226M35C12T-F
7.7
0.16
12.1
36
C
5 x 5.4
1000
22
AVS226M35D16T-F
7.7
0.12
9.1
60
D
6.3 x 5.4
1000
33
AVS336M35D16T-F
11.6
0.16
8.0
60
D
6.3 x 5.4
1000
33
AVS336M35E16T-F
11.6
0.14
7.0
130
E
8 x 6.2
1000
47
AVS476M35D16T-F
16.5
0.16
5.6
70
D
6.3 x 5.4
1000
47
AVS476M35E16T-F
16.5
0.14
4.9
165
E
8 x 6.2
1000
100
AVS107M35X16T-F
35.0
0.12
2.0
130
X
6.3 x 7.9
900
100
AVS107M35F24T-F
35.0
0.14
2.3
140
F
8 x 10.2
500
100
AVS107M35G24T-F
35.0
0.14
2.3
210
G
10 x 10.2
500
220
AVS227M35F24T-F
77.0
0.14
1.1
200
F
8 x 10.2
500
220
AVS227M35G24T-F
77.0
0.14
1.1
310
G
10 x 10.2
500
330
AVS337M35G24T-F
115.5
0.14
0.7
320
G
10 x 10.2
500
50 Vdc (63 Vdc Surge)
0.1
AVS104M50A12T-F*
3.0
0.14
2322.0
1
A
3 x 5.4
2000
0.1
AVS104M50B12T-F*
3.0
0.12
1990.0
1
B
4 x 5.4
2000
0.22
AVS224M50A12T-F*
3.0
0.14
1055.0
2
A
3 x 5.4
2000
0.22
AVS224M50B12T-F
3.0
0.12
905.0
2
B
4 x 5.4
2000
0.33
AVS334M50A12T-F*
3.0
0.14
704.0
3
A
3 x 5.4
2000
0.33
AVS334M50B12T-F
3.0
0.12
603.0
3
B
4 x 5.4
2000
0.47
AVS474M50A12T-F*
3.0
0.14
494.0
5
A
3 x 5.4
2000
0.47
AVS474M50B12T-F*
3.0
0.12
424.0
5
B
4 x 5.4
2000
1
AVS105M50A12T-F*
3.0
0.14
232.0
8
A
3 x 5.4
2000
1
AVS105M50B12T-F
3.0
0.12
199.0
10
B
4 x 5.4
2000
2.2
AVS225M50A12T-F*
3.0
0.14
106.0
10
A
3 x 5.4
2000
2.2
AVS225M50B12T-F
3.0
0.12
90.5
16
B
4 x 5.4
2000
3.3
AVS335M50B12T-F
3.0
0.12
60.3
16
B
4 x 5.4
2000
4.7
AVS475M50B12T-F
3.0
0.14
49.4
18
B
4 x 5.4
2000
4.7
AVS475M50C12T-F
3.0
0.12
42.4
23
C
5 x 5.4
1000
10
AVS106M50C12T-F
5.0
0.14
23.2
27
C
5 x 5.4
1000
10
AVS106M50D16T-F
5.0
0.12
19.9
35
D
6.3 x 5.4
1000
22
AVS226M50D16T-F
11.0
0.14
10.6
60
D
6.3 x 5.4
1000
22
AVS226M50E16T-F
11.0
0.12
9.1
120
E
8 x 6.2
1000
33
AVS336M50X16T-F
16.5
0.12
6.0
85
X
6.3 x 7.9
900
33
AVS336M50E16T-F
16.5
0.12
6.0
130
E
8 x 6.2
1000
33
AVS336M50F24T-F
16.5
0.12
6.0
140
F
8 x 10.2
500
47
AVS476M50X16T-F
23.5
0.12
4.2
90
X
6.3 x 7.9
900
47
AVS476M50F24T-F
23.5
0.12
4.2
150
F
8 x 10.2
500
47
AVS476M50G24T-F
23.5
0.12
4.2
160
G
10 x 10.2
500
100
AVS107M50F24T-F
50.0
0.12
2.0
200
F
8 x 10.2
500
100
AVS107M50G24T-F
50.0
0.12
2.0
250
G
10 x 10.2
500
220
AVS227M50G24T-F
110.0
0.12
0.9
300
G
10 x 10.2
500
63 Vdc (75 Vdc Surge)
10
AVS106M63D16T-F
6.3
0.18
29.9
35
D*
6.3 x 5.7
1000
22
AVS226M63E16T-F
13.9
0.18
13.6
40
E
8 x 6.2
1000
22
AVS226M63F24T-F
13.9
0.18
13.6
40
F
8 x 10.2
500
33
AVS336M63F24T-F
20.8
0.18
9.1
45
F
8 x 10.2
500
47
AVS476M63F24T-F
29.6
0.18
6.4
45
F
8 x 10.2
500
100
AVS107M63G24T-F
63.0
0.18
3.0
60
G
10 x 10.2
500
100 Vdc (125 Vdc Surge)
3.3
AVS335M2AE16T-F
3.3
0.18
90.4
50
E
8 x 6.2
1000
4.7
AVS475M2AE16T-F*
4.7
0.18
63.5
50
E
8 x 6.2
1000
4.7
AVS475M2AF24T-F*
4.7
0.18
63.5
80
F
8 x 10.2
500
10
AVS106M2AE16T-F
10.0
0.18
29.8
50
E
8 x 6.2
1000
10
AVS106M2AF24T-F
10.0
0.18
29.8
85
F
8 x 10.2
500
22
AVS226M2AF24T-F
22.0
0.18
13.6
70
F
8 x 10.2
500
22
AVS226M2AG24T-F
22.0
0.18
13.6
90
G
10 x 10.2
500
33
AVS336M2AG24T-F
33.0
0.18
8.0
90
G
10 x 10.2
500
*Denotes discontinued part



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com