Electronic Components Datasheet Search
  English  ▼

X  

AVS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # AVS
Description  SMT Aluminum Electrolytic Capacitors - General Purpose
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
General Purpose Filtering, Bypassing, Power Supply Decoupling
Type AVS Capacitors are the best value for filter and bypass applications
not requiring wide temperature performance or high ripple current.
Their vertical cylindrical cases facilitate automatic mounting and reflow
soldering and Type AVS offers a significant cost savings over tantalum
capacitors.
Specifications
Operating Temperature: -40°C to +85°C
Rated voltage: 4.0, 6.3, 10, 16, 25, 35, 63, & 100 Vdc
Capacitance: 0.1 µF to 1500 µF
D.F. (@ 20°C): See Ratings Table
Capacitance Tolerance: ±20% @ 120 Hz and +20°C
Leakage Current: 0.01 CV or 3 µA @ +20°C, after two minutes (whichever is greater)
Ripple Current Multipliers: Frequency
50/60 Hz 120 Hz
1 kHz 10 kHz & up
0.7
1.0
1.3
1.7
Load Life:
2000 h @ 85°C
Shelf Life:
1000 h @ 85°C
∆
Capacitance: ±20%
∆
Capacitance: ±20%
DF: <200% of limit
RoHS C
DF:
ompliant
<200% of limit
DCL: <100% of limit
DCL: <100% of limit
Maximum Impedance Ratio @ 120 Hz
W.V. (Vdc)
4.0
6.3
10.0
16.0
25.0
35.0
50.0
63.0
100.0
-25°C / +20°C
7.0
4.0
3.0
2.0
2.0
2.0
2.0
3.0
3.0
-40°C / +20°C
15.0
8.0
6.0
4.0
4.0
3.0
3.0
4.0
4.0
Highlights
•
+85°C, 2000 Hour Load Life
•
Capacitance Range: 0.1
µF to 1500 µF
•
Voltage Range: 4.0 Vdc to 100 Vdc
•
AEC-Q200 Compliant
AVS Series Marking
Outline Drawing
Case Dimensions
Case
Code
D ± 0.5
L
A ± 0.2
H (max)
I (ref)
W
P (ref)
K
A
3
5.4 +.1,-.2
3.3
4.5
1.5
0.55 ± 0.1
0.6
0.35 + 0.15/-0.20
B
4
5.4 +.1,-.2
4.3
5.5
1.8
0.65 ± 0.1
1.0
0.35 + 0.15/-0.20
C
5
5.4 +.1,-.2
5.3
6.5
2.2
0.65 ± 0.1
1.5
0.35 + 0.15/-0.20
D
6.3
5.4 +.1,-.2
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
X
6.3
7.9 ±.3
6.6
7.8
2.6
0.65 ± 0.1
1.8
0.35 + 0.15/-0.20
E
8
6.2 ±.3
8.3
9.5
3.4
0.65 ± 0.1
2.2
0.35 + 0.15/-0.20
F
8
10.2 ±.3
8.3
10.0
3.4
0.90 ± 0.2
3.1
0.70 ± 0.20
G
10
10.2 ±.3
10.3
12.0
3.5
0.90 ± 0.2
4.6
0.70 ± 0.20
220
6 = 6.3 Vdc
16 = 16 Vdc
25 = 25 Vdc,
Capacitance
(µF)
vs
Voltage
Series
Lot No.
H
L
W
P
D
0.3 mm
A
I
I
K


Similar Part No. - AVS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS CDE-AVS Datasheet
206Kb / 6P
General Purpose Filtering, Bypassing, Power Supply Decoupling
logo
Advantech Co., Ltd.
AVS-240 ADVANTECH-AVS-240 Datasheet
1Mb / 2P
4U Rackmount Xeon E5-2400 Video Wall Controller, Supporting 21 Matrox Mura MPX
AVS-240 ADVANTECH-AVS-240 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240-00A1E ADVANTECH-AVS-240-00A1E Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
AVS-240 ADVANTECH-AVS-240_15 Datasheet
637Kb / 2P
4U Intel Xeon E5-2400 Video Wall Controller, Supporting 8-output Video Wall
More results

Similar Description - AVS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
105째C General Purpose Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
85째C General Purpose Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EEV-HA1E331UP PANASONIC-EEV-HA1E331UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA010SR PANASONIC-ECE-V1HA010SR Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
ECE-V1HA220WP PANASONIC-ECE-V1HA220WP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HA1J220UP PANASONIC-EEV-HA1J220UP Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
ECE-V1EA220SP PANASONIC-ECE-V1EA220SP Datasheet
271Kb / 11P
SMT Aluminum Electrolytic Capacitors
EEV-HB1H1R0R PANASONIC-EEV-HB1H1R0R Datasheet
279Kb / 7P
SMT Aluminum Electrolytic Capacitors
EEV-HA1C220R PANASONIC-EEV-HA1C220R Datasheet
367Kb / 8P
SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com