Electronic Components Datasheet Search
  English  ▼

X  

2N6232 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6232
Description  SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6232 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6232 Datasheet HTML 1Page - Microsemi Corporation 2N6232 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
SILICON NPN TRANSISTOR
Devices
2N6232
10 AMP
100 V
•
FAST SWITCHING
•
LOW SATURATION VOLTAGE
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
100
Vdc
Collector-Base Voltage
VCBO
140
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current – Peak (1)
IC
10
Adc
Base Current – Continuous
IB
Adc
Total Power Dissipation @ TC = 25
0C
PD
1.25
W
W/0C
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
6.67
0C/W
(1) Pulse Test: Pulse Width = Duty Cycle < %
TO-5
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (2)
IC = 100 mAdc, IB = 0
VCEO(sus)
100
Vdc
Collector-Emitter Cutoff Current
VCE = 140 Vdc, Rbe = 0
ICES
0.2
uAdc
Collector Cutoff Current
VCE = 100 Vdc, RBE = 0 Ω, TC = 150
0C
ICES
0.1
mAdc
Emitter-Base Cutoff Current
VEB = 7.0 Vdc, IC = 0
IEBO
10
uAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
10604
Page 1 of 2


Similar Part No. - 2N6232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6232 ETC1-2N6232 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
More results

Similar Description - 2N6232

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com