Electronic Components Datasheet Search
  English  ▼

X  

2N6232 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6232
Description  SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6232 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6232 Datasheet HTML 1Page - Microsemi Corporation 2N6232 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6232
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS (2)
DC Current Gain
IC = 5.0 Adc, VCE = 2.0 Vdc
hFE
25
100
Collector-Emitter Saturation Voltage
IC = 5 Adc, IB = .5 Adc
VCE(sat)
0.7
Vdc
Base-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
VBE(ON)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
VCB = 10 Vdc, IE = 0, f = 1.0 MHz
Cobo
150
PF
SWITCHING CHARACTERISTICS
ton
250
ns
toff
1200
ns
IC = 5.0 Adc, IB1= Ib2 = 0.5 A
Duty Cycle – 2.0%
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
10604
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com