Electronic Components Datasheet Search
  English  ▼

X  

ISL6568 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL6568
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6568 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL6568 Datasheet HTML 16Page - Renesas Technology Corp ISL6568 Datasheet HTML 17Page - Renesas Technology Corp ISL6568 Datasheet HTML 18Page - Renesas Technology Corp ISL6568 Datasheet HTML 19Page - Renesas Technology Corp ISL6568 Datasheet HTML 20Page - Renesas Technology Corp ISL6568 Datasheet HTML 21Page - Renesas Technology Corp ISL6568 Datasheet HTML 22Page - Renesas Technology Corp ISL6568 Datasheet HTML 23Page - Renesas Technology Corp ISL6568 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ISL6568
FN9187 Rev 5.00
Page 20 of 30
Jan 12, 2012
Once the output current exceeds the overcurrent trip level,
VDROOP will exceed VOCSET, and a comparator will trigger the
converter to begin overcurrent protection procedures. At the
beginning of overcurrent shutdown, the controller turns off
both upper and lower MOSFETs. The system remains in this
state for a period of 4096 switching cycles. If the controller is
still enabled at the end of this wait period, it will attempt a
soft-start (as shown in Figure 14). If the fault remains, the trip-
retry cycles will continue indefinitely until either the controller
is disabled or the fault is cleared. Note that the energy
delivered during trip-retry cycling is much less than during
full-load operation, so there is no thermal hazard.
General Design Guide
This design guide is intended to provide a high-level explanation of
the steps necessary to create a multi-phase power converter. It is
assumed that the reader is familiar with many of the basic skills
and techniques referenced below. In addition to this guide, Intersil
provides complete reference designs that include schematics, bill
of materials, and example board layouts for all common
microprocessor applications.
Power Stages
The first step in designing a multi-phase converter is to
determine the number of phases. This determination depends
heavily on the cost analysis which in turn depends on system
constraints that differ from one design to the next. Principally,
the designer will be concerned with whether components can
be mounted on both sides of the circuit board, whether
through-hole components are permitted, the total board space
available for power-supply circuitry, and the maximum amount
of load current. Generally speaking, the most economical
solutions are those in which each phase handles between 25A
and 30A. All surface-mount designs will tend toward the lower
end of this current range. If through-hole MOSFETs and
inductors can be used, higher per-phase currents are possible.
In cases where board space is the limiting constraint, current
can be pushed as high as 40A per phase, but these designs
require heat sinks and forced air to cool the MOSFETs,
inductors and heat-dissipating surfaces.
MOSFETS
The choice of MOSFETs depends on the current each MOSFET
will be required to conduct, the switching frequency, the
capability of the MOSFETs to dissipate heat, and the availability
and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for power loss in the lower MOSFET is simple,
since virtually all of the loss in the lower MOSFET is due to
current conducted through the channel resistance (rDS(ON)). In
Equation 15, IM is the maximum continuous output current,
IP-P is the peak-to-peak inductor current (see Equation 1 on
page 10), and d is the duty cycle (VOUT/VIN).
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the
dead time when inductor current is flowing through the
lower-MOSFET body diode. This term is dependent on the diode
forward voltage at IM, VD(ON), the switching frequency, fS, and
the length of dead times, td1 and td2, at the beginning and the
end of the lower-MOSFET conduction interval respectively.
The total maximum power dissipated in each lower MOSFET is
approximated by the summation of PLOW,1 and PLOW,2.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper-
MOSFET losses are due to currents conducted across the input
voltage (VIN) during switching. Since a substantially higher
portion of the upper-MOSFET losses are dependent on
switching frequency, the power calculation is more complex.
Upper MOSFET losses can be divided into separate
components involving the upper-MOSFET switching times, the
lower-MOSFET body-diode reverse-recovery charge, Qrr, and
the upper MOSFET rDS(ON) conduction loss.
When the upper MOSFET turns off, the lower MOSFET does not
conduct any portion of the inductor current until the voltage at
the phase node falls below ground. Once the lower MOSFET
begins conducting, the current in the upper MOSFET falls to
zero as the current in the lower MOSFET ramps up to assume
the full inductor current. In Equation 17, the required time for
this commutation is t1 and the approximated associated
power loss is PUP,1.
ROCSET
IMAX RCOMP DCR

100
 R
S
----------------------------------------------------------
=
(EQ. 14)
0A
0V
2ms/DIV
OUTPUT CURRENT, 50A/DIV
FIGURE 14. OVERCURRENT BEHAVIOR IN HICCUP MODE
FSW = 500kHz
OUTPUT VOLTAGE,
500mV/DIV
PLOW 1
rDS ON

IM
N
------


 2
1d
–

ILP-P

2 1d
–

12
------------------------------------
+
=
(EQ. 15)
PLOW 2
VDON
 fS
IM
N
------
IP-P
2
----------
+

 t
d1
IM
N
------
IP-P
2
----------
–



td2
+
=
(EQ. 16)
PUP 1
 VIN
IM
N
------
IP-P
2
----------
+

 t1
2
----



fS
(EQ. 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com