Electronic Components Datasheet Search
  English  ▼

X  

ISL6568 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6568
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6568 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6568 Datasheet HTML 17Page - Renesas Technology Corp ISL6568 Datasheet HTML 18Page - Renesas Technology Corp ISL6568 Datasheet HTML 19Page - Renesas Technology Corp ISL6568 Datasheet HTML 20Page - Renesas Technology Corp ISL6568 Datasheet HTML 21Page - Renesas Technology Corp ISL6568 Datasheet HTML 22Page - Renesas Technology Corp ISL6568 Datasheet HTML 23Page - Renesas Technology Corp ISL6568 Datasheet HTML 24Page - Renesas Technology Corp ISL6568 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ISL6568
FN9187 Rev 5.00
Page 21 of 30
Jan 12, 2012
At turn-on, the upper MOSFET begins to conduct and this
transition occurs over a time t2. In Equation 18, the
approximate power loss is PUP,2.
A third component involves the lower MOSFET reverse-recovery
charge, Qrr. Since the inductor current has fully commutated to
the upper MOSFET before the lower-MOSFET body diode can
recover all of Qrr, it is conducted through the upper MOSFET
across VIN. The power dissipated as a result is PUP,3.
Finally, the resistive part of the upper MOSFET is given in
Equation 20 as PUP(4).
The total power dissipated by the upper MOSFET at full load
can now be approximated as the summation of the results
from Equations 17, 18, 19 and 20. Since the power equations
depend on MOSFET parameters, choosing the correct
MOSFETs can be an iterative process involving repetitive
solutions to the loss equations for different MOSFETs and
different switching frequencies.
Package Power Dissipation
When choosing MOSFETs it is important to consider the
amount of power being dissipated in the integrated drivers
located in the controller. Since there are a total of two drivers
in the controller package, the total power dissipated by both
drivers must be less than the maximum allowable power
dissipation for the QFN package.
Calculating the power dissipation in the drivers for a desired
application is critical to ensure safe operation. Exceeding the
maximum allowable power dissipation level will push the IC
beyond the maximum recommended operating junction
temperature of +125°C. The maximum allowable IC power
dissipation for the 5x5 QFN package is approximately 4W at
room temperature. See “Layout Considerations” on page 26
for thermal transfer improvement suggestions.
When designing the ISL6568 into an application, it is
recommended that the following calculation is used to ensure
safe operation at the desired frequency for the selected
MOSFETs. The total gate drive power losses, PQg_TOT, due to
the gate charge of MOSFETs and the integrated driver’s
internal circuitry and their corresponding average driver
current can be estimated with Equations 21 and 22,
respectively.
In Equations 21 and 22, PQg_Q1 is the total upper gate drive
power loss and PQg_Q2 is the total lower gate drive power loss;
the gate charge (QG1 and QG2) is defined at the particular gate to
source drive voltage PVCC in the corresponding MOSFET data
sheet; IQ is the driver total quiescent current with no load at both
drive outputs; NQ1 and NQ2 are the number of upper and lower
MOSFETs per phase, respectively; NPHASE is the number of active
phases. The IQ*VCC product is the quiescent power of the
controller without capacitive load and is typically 75mW at
300kHz.
(EQ. 18)
PUP 2
 VIN
IM
N
------
IP-P
2
----------
–

 t2
2
----



fS
PUP 3

VIN Qrr fS
=
(EQ. 19)
PUP 4
 rDS ON

IM
N
------


 2
d
IP-P
2
12
----------
+
(EQ. 20)
FIGURE 15. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
PQg_TOT
PQg_Q1 PQg_Q2 IQ VCC
++
=
(EQ. 21)
PQg_Q1
3
2
--- QG1 PVCC
FSW
NQ1
NPHASE
=
PQg_Q2
QG2 PVCC
FSW
NQ2 NPHASE
=
IDR
3
2
--- QG1 N
Q1
QG2 NQ2
+

 N
PHASE
FSW IQ
+
=
(EQ. 22)
Q1
D
S
G
RGI1
RG1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
PVCC
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com