Electronic Components Datasheet Search
  English  ▼

X  

ISL26310 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL26310
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26310 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL26310 Datasheet HTML 5Page - Renesas Technology Corp ISL26310 Datasheet HTML 6Page - Renesas Technology Corp ISL26310 Datasheet HTML 7Page - Renesas Technology Corp ISL26310 Datasheet HTML 8Page - Renesas Technology Corp ISL26310 Datasheet HTML 9Page - Renesas Technology Corp ISL26310 Datasheet HTML 10Page - Renesas Technology Corp ISL26310 Datasheet HTML 11Page - Renesas Technology Corp ISL26310 Datasheet HTML 12Page - Renesas Technology Corp ISL26310 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 9 of 23
August 18, 2015
Typical Performance Characteristics
TA = +25°C, VDD = 5V, VREF = 5V, fSAMPLE = 125kHz, fSCLK = 20MHz, unless otherwise specified.
FIGURE 3. DIFFERENTIAL NONLINEARITY (DNL) vs CODE
FIGURE 4. INTEGRAL NONLINEARITY (INL) vs CODE
FIGURE 5. DNL DISTRIBUTION vs TEMPERATURE
FIGURE 6. INL DISTRIBUTION vs TEMPERATURE
FIGURE 7. GAIN ERROR vs SUPPLY VOLTAGE AND TEMPERATURE
FIGURE 8. OFFSET ERROR vs SUPPLY VOLTAGE AND TEMPERATURE
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
-2000
-1000
0
1000
2000
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
-2000
-1000
0
1000
2000
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
NEGATIVE DNL
POSITIVE DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
NEGATIVE INL
POSITIVE INL
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5.0V
5.25V
2.7V
3.3V
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
3.3V
5.0V
5.25V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com