Electronic Components Datasheet Search
  English  ▼

X  

ISL26310 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL26310
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26310 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL26310 Datasheet HTML 6Page - Renesas Technology Corp ISL26310 Datasheet HTML 7Page - Renesas Technology Corp ISL26310 Datasheet HTML 8Page - Renesas Technology Corp ISL26310 Datasheet HTML 9Page - Renesas Technology Corp ISL26310 Datasheet HTML 10Page - Renesas Technology Corp ISL26310 Datasheet HTML 11Page - Renesas Technology Corp ISL26310 Datasheet HTML 12Page - Renesas Technology Corp ISL26310 Datasheet HTML 13Page - Renesas Technology Corp ISL26310 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 10 of 23
August 18, 2015
FIGURE 9. APERTURE DELAY vs SUPPLY VOLTAGE
FIGURE 10. SUPPLY CURRENT vs VOLTAGE AND TEMPERATURE
FIGURE 11. SUPPLY CURRENT vs SAMPLING RATE (VDD = 5V)
FIGURE 12. SHUTDOWN CURRENTS vs VOLTAGE AND TEMPERATURE
FIGURE 13. SNR AND SINAD vs SUPPLY VOLTAGE AND TEMPERATURE
FIGURE 14. THD vs SUPPLY VOLTAGE AND TEMPERATURE
Typical Performance Characteristics
TA = +25°C, VDD = 5V, VREF = 5V, fSAMPLE = 125kHz, fSCLK = 20MHz, unless otherwise specified. (Continued)
0
5
10
15
20
25
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
5.25V
3.3V
5.0V
2.7V
0.0
0.5
1.0
1.5
2.0
2.5
100
1k
10k
100k
SAMPLE RATE (Sps)
AUTO POWER DOWN MODE
AUTO SLEEP MODE
NORMAL MODE
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
5.25V
3.3V
5.0V
2.7V
70
71
72
73
74
75
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
5.25V
3.3V
5.0V
2.7V
-90
-88
-86
-84
-82
-80
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
5.25V
3.3V
5.0V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com