Electronic Components Datasheet Search
  English  ▼

X  

ISL26323 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL26323
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26323 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL26323 Datasheet HTML 2Page - Renesas Technology Corp ISL26323 Datasheet HTML 3Page - Renesas Technology Corp ISL26323 Datasheet HTML 4Page - Renesas Technology Corp ISL26323 Datasheet HTML 5Page - Renesas Technology Corp ISL26323 Datasheet HTML 6Page - Renesas Technology Corp ISL26323 Datasheet HTML 7Page - Renesas Technology Corp ISL26323 Datasheet HTML 8Page - Renesas Technology Corp ISL26323 Datasheet HTML 9Page - Renesas Technology Corp ISL26323 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 6 of 23
August 18, 2015
Absolute Maximum Ratings
Thermal Information
AIN+, AIN-, VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to VDD + 0.3V
Digital Inputs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to VDD + 0.3V
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6V
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3 to + 0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . . . . . . . .5000V
Machine Model (Per JESD22-A115). . . . . . . . . . . . . . . . . . . . . . . . . . 350V
Charged Device Model (Per JESD22-C101) . . . . . . . . . . . . . . . . . . . . . . 2000V
Latch-up (Tested per JESD-78B; Class 2, Level A). . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC (Notes 4, 5) . . . . . . . . . . . . . . . . .
98
48
16 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
92
29
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.7V to +5.25V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VREF = VDD V, VDD = 2.7V to 5V, VCM = VDD/2, SCLK = 20MHz and TA = -40°C to +125°C (typical performance
at +25°C), unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST LEVEL OR NOTES
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
ANALOG INPUTS
Number of Input Channels
ISL26310, ISL26311
1
ISL26312, ISL26313
2
ISL26314, ISL26315
4
ISL26319
8
Input Voltage Range
Differential Inputs (AINX+ - AINX-) is
-VREF (Min) and +VREF (Max)
0VREF
V
AINX, Single-Ended Inputs
0VREF
V
Common Mode Input Voltage Range
Differential Inputs
VREF/2 – 0.2
VREF/2
VREF/2 + 0.2
V
Average Input Current
2.5
µA
CIN
Input Capacitance
4pF
Channel-Channel Crosstalk
fIN = 50kHz
VIN = FS, other channels = 0V
-86
dB
VOLTAGE REFERENCE
VREFEX External Reference Input Voltage Range
2
2.5
VDD
V
IREFIN
Average Input Current
100
120
µA
CREFIN
Effective Input Capacitance
10
pF
DC ACCURACY
Resolution (No Missing Codes)
12
Bits
DNL
Differential Nonlinearity Error
-0.7
+0.7
LSB
INL
Integral Nonlinearity Error
-0.7
+0.7
LSB
Gain Error
-6
6
LSB
Gain Error Matching
-2
2
LSB
Offset Error
-6
6
LSB
Offset Error Matching
-2
2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com