Electronic Components Datasheet Search
  English  ▼

X  

ISL26323 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL26323
Description  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26323 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL26323 Datasheet HTML 1Page - Renesas Technology Corp ISL26323 Datasheet HTML 2Page - Renesas Technology Corp ISL26323 Datasheet HTML 3Page - Renesas Technology Corp ISL26323 Datasheet HTML 4Page - Renesas Technology Corp ISL26323 Datasheet HTML 5Page - Renesas Technology Corp ISL26323 Datasheet HTML 6Page - Renesas Technology Corp ISL26323 Datasheet HTML 7Page - Renesas Technology Corp ISL26323 Datasheet HTML 8Page - Renesas Technology Corp ISL26323 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 2 of 23
August 18, 2015
Application Block Diagram
Pin-Compatible Family
MODEL
RESOLUTION
(Bits)
SPEED
(kHz)
ANALOG
INPUT
INPUT
CHANNELS
ISL26310
12
125
Differential
1
ISL26311
12
125
Single-Ended
1
ISL26312
12
125
Differential
2
ISL26313
12
125
Single-Ended
2
ISL26314
12
125
Differential
4
ISL26315
12
125
Single-Ended
4
ISL26319
12
125
Single-Ended
8
ISL26320
12
250
Differential
1
ISL26321
12
250
Single-Ended
1
ISL26322
12
250
Differential
2
ISL26323
12
250
Single-Ended
2
ISL26324
12
250
Differential
4
ISL26325
12
250
Single-Ended
4
ISL26329
12
250
Single-Ended
8
POWER
RS-485
DAC
-V
+V
Precision
Amps
-V
+V
Precision
Amps
M
U
X
ADC
-V
+V
-V
+V
Actuators
Motors
Control loops
ANALOG SIGNAL INPUT MODULEs
ANALOG SIGNAL OUTPUT MODULE
RTC
Core &
I/O Power
Switching
Controller
Gain
Amplifiers
Active
Filters
Active
Filters
Active
Filters
Buffer, Filters,
Span Drivers
Precision
Amps
Precision
Amps
μC
LDO’s
VREF
VREF
Precision
Amps
Master
μC
RS-485
Differential
Pressure
Transducer
w/
Extractor
Pressure/Strain Gage Sensor
Temperature Sensor
Flow Sensor
DCP
M
U
X
I2C Bus
-V
+V
Precision
Amps
-V
Precision
Amps
Gain
Amplifiers
Active
Filters
+V
MUX and ADC
V
Loop Supply
4 -20mA
Vin
Iout
DCP
-V
+V
Thermocouple
Thermistor
ISO-Thermal
Block
Switching
Regulator
V
System
Power
VREF
VREF
Switching
Regulators
LDO
Isolator
+V
-V
Isolated Power
RTC
RS-232
Voltage
Supervisor &
Sequencers
High Voltage Input Rail ~24V
Single Ended
Controller
Precision
Amps
-V
+V
Precision
Amps
-V
+V
Precision
Amps
-V
+V
Precision
Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com