Electronic Components Datasheet Search
  English  ▼

X  

80PF80 Datasheet(PDF) 2 Page - International Rectifier

Part # 80PF80
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80PF80 Datasheet(HTML) 2 Page - International Rectifier

  80PF80 Datasheet HTML 1Page - International Rectifier 80PF80 Datasheet HTML 2Page - International Rectifier 80PF80 Datasheet HTML 3Page - International Rectifier 80PF80 Datasheet HTML 4Page - International Rectifier 80PF80 Datasheet HTML 5Page - International Rectifier 80PF80 Datasheet HTML 6Page - International Rectifier 80PF80 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
80PF(R)...(W) Series
2
Bulletin I20207 rev. C 03/04
www.irf.com
Voltage
V
RRM, maximum
V
RSM, maximum non-
I
RRM max.
Type number
Code
repetitive peak
repetitive peak
@ T
J = 150°C
reverse voltage
reverse voltage
VV
mA
40
400
500
80PF (R)...(W)
80
800
960
9
120
1200
1440
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
80
A
180° conduction, half sine wave
@ Case temperature
140
°C
IF(RMS) Max. RMS forward current
126
A
I
FSM
Max. peak, one-cycle forward,
1500
t = 10ms
No voltage
non-repetitive surge current
1570
t = 8.3 ms
reapplied
1260
t = 10ms
100% V
RRM
1320
t = 8.3 ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
11250
t = 10ms
No voltage
Initial T
J = 150°C
10230
t = 8.3ms
reapplied
7950
t = 10ms
100% V
RRM
7200
t = 8.3ms
reapplied
I2√t
Maximum I2√t for fusing
112500
A2√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Low level value of threshold
voltage
r
f
Low level value of forward
slope resistance
VFM
Max. forward voltage drop
1.40
V
Ipk= 220A, TJ = 25°C, tp = 400µs rectangular wave
Parameter
Units Conditions
3.0
mΩ
(16.7% x π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
0.73
V
(16.7% x π x I
F(AV) < I < π x IF(AV)), TJ = TJ max.
A2s
A
Forward Conduction
80PF(R)...(W)
40 to 120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com