Electronic Components Datasheet Search
  English  ▼

X  

80PF80 Datasheet(PDF) 7 Page - International Rectifier

Part # 80PF80
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80PF80 Datasheet(HTML) 7 Page - International Rectifier

  80PF80 Datasheet HTML 1Page - International Rectifier 80PF80 Datasheet HTML 2Page - International Rectifier 80PF80 Datasheet HTML 3Page - International Rectifier 80PF80 Datasheet HTML 4Page - International Rectifier 80PF80 Datasheet HTML 5Page - International Rectifier 80PF80 Datasheet HTML 6Page - International Rectifier 80PF80 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
80PF(R)...(W) Series
7
Bulletin I20207 rev. C 03/04
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Multiple Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
1
2
3
Device Code
80
PF
R
120 W
1
- 80
= Standard device
82
= Isolated lead on standard terminal
with silicone sleeve available for 1200V only
(Red = Reverse Polarity)
(Blue = Normal Polarity)
2
- PF
= Plastic Package
3
- None = Stud Normal Polarity (Cathode to Stud)
R
= Stud Reverse Polarity (Anode to Stud)
4
- Voltage code: Code x 10 = V
RRM (See Voltage Ratings table)
5
- None = Standard terminal (see Fig. A)
- W
= Wire terminal (see Fig. B)
4
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com