Electronic Components Datasheet Search
  English  ▼

X  

SCA10H Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # SCA10H
Description  Contactless measurement enables continuous monitoring without disturbing the patient
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA10H Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button SCA10H Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 (15)
Murata Electronics Oy
SCA10H
Doc.No. 1322
www.murata.com
Rev. 1
7
Electrical specification
Table 4 Electrical specification parameters
Parameter
Min
Typ
Max
Unit
Module’s supply voltage Vin
8
10
V
Temperature range
0
80
°C
Current consumption
8
mA
Acceleration raw data noise level (1
1.3
LSB RMS
Acceleration sensor sensitivity (2
427
LSB/g
Acceleration sensor's step response gain (3
1
(1 RMS-noise within the application bandwidth measured on stone table in raw data
mode without any external vibration or noise.
(2 Sensitivity measurement by tilting the module in test mode
(3 BCG- and inclination channel gain ratio G=BCG-channel step response
gain/inclination channel step response gain when sensor's self-test is activated
8
Serial port configuration
Table 5 Serial port configuration
Parameter
Baud rate
230400 baud
Data bits
8
Parity
None
Stop bits
1
Flow control
None
9
Functional specification
Table 6 Functional specification parameters
Parameter
Min
Typ
Max
Unit
Pulse detection range
40
120
BPM
Steady state pulse rate for test input (1
48
52
BPM
(1 Accelerometer is disconnected from the circuit. Pre-defined test signal is injected to
the output node of the accelerometer Vout. With default BCG-parameters steady state
output HR is 50±2 BPM. Test setup is according to Figure 5 below and example
measurement and simulation is in Figure 6.
Figure 5 Functional test setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com