Electronic Components Datasheet Search
  English  ▼

X  

SCA10H Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SCA10H
Description  Contactless measurement enables continuous monitoring without disturbing the patient
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA10H Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SCA10H Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA10H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 (15)
Murata Electronics Oy
SCA10H
Doc.No. 1322
www.murata.com
Rev. 1
1
Features and benefits
‒ Contactless measurement enables continuous monitoring without disturbing the
patient.
‒ Ultra low noise and narrow noise bandwidth SCA61T 3D MEMS accelerometer and
analog signal conditioning.
‒ Embedded heart and respiration rate signal processing with 1 Hz output rate.
‒ Low power and only tens of bytes per second communication bandwidth
requirement.
‒ Easy to use
‒ UART-interface
‒ Solderable PCB-module
2
Target Applications
‒ Hospitals, elderly care, assisted living
‒ Heart and respiration rate detection
‒ Cardiac output estimation
‒ Bed occupancy
‒ Stress and relaxation index
‒ Sleep quality monitoring
3
Product code
Product code
Quantity
SW version
SCA10H-D01-Sample
1
1
SCA10H-D01-112
112
1
4
Block diagram
SCA61T
Accelerometer
Power
management
MSP430G2744
Analog
i/f
UART
Block diagram
Figure 1 Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com