Electronic Components Datasheet Search
  English  ▼

X  

AC272 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC272
Description  10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC272 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC272 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC272 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
57
FREQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature
3.0
2.5
2.0
1.5
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
20.0
19.0
18.0
17.0
16.0
Power Output at 1 dB Compression
60
50
40
30
20
Intercept Point
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
9.0
8.0
7.0
6.0
+15 V
+15 V
+12 V
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC272
Model: AC272
Vcc=+15V
Icc=23.00
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.68
1.73
7.4
-11.5
10
1.40
1.41
7.8
-11.2
20
1.27
1.27
7.9
2.119
-11.0
50
1.19
1.18
8.1
0.902
-10.9
100
1.24
1.17
8.1
0.580
-10.9
150
1.33
1.21
8.1
0.556
-11.1
200
1.45
1.27
8.1
0.554
-11.2
250
1.62
1.37
8.1
0.549
-11.4
300
1.81
1.50
8.2
0.551
-11.6
350
2.07
1.67
8.1
0.602
-12.0
LINEAR S-PARAMETERS
Model: AC272
Vcc=+15V
Icc=23.00
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.25
137.5
2.34
23.1
0.267
24.0
0.27
143.2
10
0.17
141.3
2.45
10.8
0.277
11.0
0.17
141.1
20
0.12
151.8
2.50
3.3
0.282
3.0
0.12
146.0
50
0.09
173.5
2.55
-6.4
0.285
-6.0
0.08
162.1
100
0.11
-162.1
2.55
-16.8
0.283
-17.0
0.08
-175.3
150
0.14
-156.7
2.54
-26.8
0.280
-27.0
0.09
-160.8
200
0.18
-156.1
2.54
-36.8
0.275
-37.0
0.12
-154.9
250
0.24
-162.7
2.55
-46.6
0.270
-47.0
0.16
-154.6
300
0.29
-169.3
2.56
-56.5
0.262
-57.0
0.20
-158.4
350
0.35
-177.0
2.53
-67.4
0.252
-67.0
0.25
-164.2
400
0.41
173.7
2.52
-78.4
0.243
-78.0
0.31
-172.4
450
0.47
163.9
2.47
-89.7
0.229
-90.0
0.36
178.1
Model: AC272
Vcc=+12V
Icc=17.87
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.28
1.30
7.8
-11.1
10
1.22
1.22
8.0
-11.0
20
1.19
1.17
8.1
1.505
-10.9
50
1.17
1.15
8.2
0.791
-10.8
100
1.24
1.17
8.1
0.551
-10.9
150
1.35
1.23
8.1
0.559
-11.0
200
1.47
1.32
8.1
0.553
-11.2
250
1.65
1.43
8.1
0.554
-11.4
300
1.85
1.58
8.1
0.569
-11.7
350
2.15
1.77
8.0
0.614
-12.0
LINEAR S-PARAMETERS
Model: AC272
Vcc=+12V
Icc=17.87
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.12
153.6
2.46
13.8
0.278
14.0
0.13
157.5
10
0.10
160.6
2.51
5.9
0.283
6.0
0.10
158.6
20
0.09
167.8
2.54
0.5
0.286
0.0
0.08
163.8
50
0.08
-169.9
2.56
-8.1
0.287
-8.0
0.07
-179.1
100
0.11
-152.7
2.55
-18.1
0.285
-18.0
0.08
-160.1
150
0.15
-152.5
2.55
-28.0
0.280
-28.0
0.10
-151.1
200
0.19
-153.4
2.54
-38.1
0.275
-38.0
0.14
-149.2
250
0.24
-159.3
2.55
-48.1
0.269
-48.0
0.18
-151.6
300
0.30
-169.0
2.54
-58.2
0.260
-58.0
0.23
-157.2
350
0.36
-176.9
2.51
-69.2
0.250
-69.0
0.28
-164.2
400
0.42
173.0
2.49
-80.2
0.239
-80.0
0.34
-172.9
450
0.48
163.0
2.44
-91.9
0.225
-91.0
0.39
177.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com