Electronic Components Datasheet Search
  English  ▼

X  

AC272 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC272
Description  10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC272 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC272 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC272 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2003
2/99
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC272
10 TO 250 MHz
TO-8 CASCADABLE AMPLIFIER
AC272
SPECIFICATIONS
Typical Values
AC272
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . .
2.0 dB
High Output Level . . . . . . . . . . . . . . . . . . . . . . . .
+18.5 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . .
+32 dBm
High Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . .
23 mA Current Drain
High Performance Thin Film
Standard Size TO-8
Small Signal Gain (Min.)
8.0 dB
7.5^ dB
7.0^ dB
Gain Flatness (Max.)
< ±0.2 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
2.0 dB
2.5 dB
3.0 dB
SWR (Max.)
Input/Output
<1.5:1
2.0:1
2.1:1
Power Output (Min.)
@ 1dB comp. 30-150 MHz
+19.0 dBm
+18.0 dBm
+17.5 dBm
150-250 MHz
+18.5 dBm
+17.5 dBm
+17.0 dBm
DC Current (Max.)
23 mA
26 mA
28 mA
Guaranteed*
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
10-300 MHz
10-250 MHz
10-250 MHz
Typical @ 25 ° C
AC272
Second Order Harmonic Intercept Point . . . . . . . . . . . . . .
+52 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . .
+46 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . .
+32 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . .
+49° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+19.0° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
AS272
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^1.0 dB less below 30 MHz.
DIMENSIONS ARE IN INCHES (MILLIMETERS)


Similar Part No. - AC272

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC272 TELEDYNE-AC272 Datasheet
174Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC272

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC383 ETC-AC383 Datasheet
109Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181_15 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 250 MHz
logo
Teledyne Technologies I...
AP308 TELEDYNE-AP308 Datasheet
176Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
AP388 TELEDYNE-AP388 Datasheet
173Kb / 2P
10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com