Electronic Components Datasheet Search
  English  ▼

X  

ISL89166 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL89166
Description  High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL89166 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL89166 Datasheet HTML 6Page - Renesas Technology Corp ISL89166 Datasheet HTML 7Page - Renesas Technology Corp ISL89166 Datasheet HTML 8Page - Renesas Technology Corp ISL89166 Datasheet HTML 9Page - Renesas Technology Corp ISL89166 Datasheet HTML 10Page - Renesas Technology Corp ISL89166 Datasheet HTML 11Page - Renesas Technology Corp ISL89166 Datasheet HTML 12Page - Renesas Technology Corp ISL89166 Datasheet HTML 13Page - Renesas Technology Corp ISL89166 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISL89166, ISL89167, ISL89168
FN7720 Rev 2.00
Page 13 of 14
February 26, 2013
Package Outline Drawing
L8.3x3I
8 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 1 6/09
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SIDE VIEW
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
3.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
PIN #1 INDEX AREA
6X 0.65
1.64 +0.10/ - 0.15
8
1
8X 0.400 ± 0.10
6
Max 0.80
SEE DETAIL "X"
0.08
0.10
C
C
C
( 2.80 )
(1.64)
( 8 X 0.30)
( 8X 0.60)
( 2.38 )
( 1.95)
2.38
0.10
8X 0.30
A
MC
B
4
2X 1.950
+0.10/ - 0.15
(6x 0.65)
4
5
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com