Electronic Components Datasheet Search
  English  ▼

X  

ISL89166 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL89166
Description  High Speed, Dual Channel, 6A, Power MOSFET Driver With Programmable Delays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL89166 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL89166 Datasheet HTML 1Page - Renesas Technology Corp ISL89166 Datasheet HTML 2Page - Renesas Technology Corp ISL89166 Datasheet HTML 3Page - Renesas Technology Corp ISL89166 Datasheet HTML 4Page - Renesas Technology Corp ISL89166 Datasheet HTML 5Page - Renesas Technology Corp ISL89166 Datasheet HTML 6Page - Renesas Technology Corp ISL89166 Datasheet HTML 7Page - Renesas Technology Corp ISL89166 Datasheet HTML 8Page - Renesas Technology Corp ISL89166 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL89166, ISL89167, ISL89168
FN7720 Rev 2.00
Page 2 of 14
February 26, 2013
Block Diagram
OUTx
VDD
INx
GND
For clarity, only one
channel is shown
EPAD
For proper thermal and electrical
performance, the EPAD must be
connected to the PCB ground plane.
Separate FET drives, with
non-overlapping outputs,
prevent shoot-thru
currents in the output
CMOS FETs resulting with
very low operating
currents.
ISL89167,
ISL89168
ISL89166
10k
The UV comparator holds off
the outputs until VDD ~>
3.3VDC.
rising
edge
delay
RDTx

RDTx
Pin Configurations
ISL89166FR, ISL89166FB
(8 LD TDFN, EPSOIC)
TOP VIEW
ISL89167FR, ISL89167FB
(8 LD TDFN, EPSOIC)
TOP VIEW
ISL89168FR, ISL89168FB
(8 LD TDFN, EPSOIC)
TOP VIEW
INA
GND
INB
OUTB
OUTA
RDTB
RDTA
VDD
8
6
7
1
4
3
2
5
/INA
GND
/INB
OUTB
OUTA
RDTB
RDTA
VDD
8
6
7
1
4
3
2
5
/INA
GND
INB
OUTB
OUTA
RDTB
RDTA
VDD
8
6
7
1
4
3
2
5
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1
RDTA
Connect a resistor between this pin and
ground to program the rising edge delay of
OUTA, 0k to 20k
2
INA or /INA Channel A input, 0V to VDD
3
GND
Power Ground, 0V
4
INB or /INB Channel B enable, 0V to VDD
5
OUTB
Channel B output
6
VDD
Power input, 4.5V to 16V
7
OUTA
Channel A output, 0V to VDD
8
RDTB
Connect a resistor between this pin and
ground to program the rising edge delay of
OUTB, 0k to 20k
EPAD
Power Ground, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com