Electronic Components Datasheet Search
  English  ▼

X  

AC4086 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC4086
Description  800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC4086 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC4086 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC4086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Gain vs Temperature Vcc = 15
22.0
21.0
20.0
19.0
18.0
17.0
Noise Figure Vcc = 15 & 12
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
5.0
4.0
3.0
2.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
60
50
40
30
20
10
FREQUENCY - GHz
24.0
22.0
20.0
18.0
16.0
14.0
12.0
FREQUENCY - GHz
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
10
+15 V
+12 V
Model: AC4086
Vcc= +15V
Icc= 61.43
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
500
2.19
2.06
17.55
39
0.91
-38.8
600
1.83
1.59
18.67
12
0.76
-37.2
700
1.61
1.31
19.33
-11
0.64
-36.7
800
1.46
1.13
19.74
-32
0.57
-36.2
900
1.41
1.01
19.99
-51
0.52
-36.6
1000
1.42
1.09
20.13
-68
0.48
-36.4
1200
1.47
1.20
20.35
-100
0.44
-37.1
1400
1.54
1.23
20.36
-130
0.42
-38.1
1600
1.55
1.21
20.25
-158
0.39
-39.3
1800
1.60
1.16
20.13
175
0.37
-40.3
2000
1.64
1.09
19.92
150
0.36
-41.5
2200
1.57
1.11
19.70
126
0.33
-41.5
2400
1.39
1.21
19.59
102
0.33
-41.9
2600
1.40
1.33
19.69
78
0.33
-41.4
2800
1.32
1.46
20.03
55
0.32
-40.7
3000
1.20
1.59
20.21
30
0.35
-39.8
3200
1.14
1.72
20.24
3
0.38
-39.3
3400
1.14
1.84
20.23
-24
0.37
-38.6
3600
1.27
1.84
20.09
-50
0.36
-38.1
3800
1.24
1.78
19.69
-77
0.37
-37.4
4000
1.29
1.66
19.35
-106
0.39
-36.7
4200
1.22
1.51
18.71
-131
0.35
-35.9
LINEAR S-PARAMETERS
Model: AC4086
Vcc= 15V
Icc= 61.43
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
0.37
-113.6
7.54
39.0
0.011
54.5
0.35
89.0
600
0.29
-125.2
8.59
11.9
0.014
39.0
0.23
67.9
700
0.23
-130.1
9.25
-11.2
0.015
23.6
0.13
50.0
800
0.19
-134.6
9.70
-31.8
0.015
11.9
0.06
35.9
900
0.17
-140.3
9.99
-50.6
0.015
2.2
0.01
87.0
1000
0.18
-140.4
10.15
-67.9
0.015
-7.1
0.04
173.8
1200
0.19
-142.6
10.42
-99.7
0.014
-25.8
0.09
152.5
1400
0.21
-147.8
10.43
-129.7
0.013
-45.0
0.10
127.2
1600
0.21
-163.4
10.29
-157.9
0.011
-63.8
0.10
98.9
1800
0.23
179.8
10.15
175.3
0.010
-82.9
0.07
68.6
2000
0.24
168.4
9.91
149.8
0.008
-105.4
0.04
31.0
2200
0.22
152.7
9.66
125.7
0.008
-131.1
0.05
-58.5
2400
0.16
145.5
9.54
102.1
0.008
-152.8
0.09
-100.6
2600
0.17
120.1
9.65
78.3
0.008
-168.4
0.14
-123.8
2800
0.14
100.4
10.04
55.1
0.009
176.6
0.19
-141.7
3000
0.09
115.9
10.24
30.1
0.010
170.7
0.23
-158.6
3200
0.06
150.3
10.28
2.5
0.011
166.9
0.27
-175.7
3400
0.06
-139.8
10.27
-24.4
0.012
162.2
0.30
168.0
3600
0.12
-168.1
10.10
-50.5
0.012
161.4
0.30
151.5
3800
0.11
172.8
9.65
-77.4
0.013
158.0
0.28
136.4
4000
0.12
157.9
9.28
-105.8
0.015
156.3
0.25
122.1
4200
0.10
123.7
8.62
-130.8
0.016
156.3
0.2
106.9
4400
0.08
77.4
7.87
-155.9
0.016
156.2
0.15
91.1
Model: AC4086
Vcc= +12V
Icc= 58.38
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
500
2.15
1.97
17.61
37
0.89
-39.7
600
1.82
1.53
18.69
10
0.74
-37.8
700
1.61
1.26
19.31
-12
0.63
-37.1
800
1.46
1.09
19.72
-33
0.56
-36.6
900
1.41
1.04
19.98
-51
0.51
-37.1
1000
1.43
1.14
20.11
-68
0.48
-36.9
1200
1.46
1.27
20.36
-100
0.44
-37.7
1400
1.53
1.33
20.38
-130
0.41
-38.3
1600
1.55
1.31
20.28
-158
0.39
-39.5
1800
1.61
1.26
20.19
175
0.37
-40.3
2000
1.65
1.18
19.95
150
0.35
-40.9
2200
1.59
1.11
19.72
125
0.34
-41.9
2400
1.42
1.11
19.64
101
0.33
-42.2
2600
1.45
1.20
19.66
78
0.33
-41.5
2800
1.37
1.32
19.87
55
0.32
-41.2
3000
1.24
1.44
20.02
30
0.34
-39.8
3200
1.12
1.53
20.06
3
0.38
-39.2
3400
1.08
1.63
19.99
-24
0.37
-38.3
3600
1.21
1.66
19.75
-50
0.36
-37.7
3800
1.22
1.64
19.33
-76
0.37
-36.8
4000
1.29
1.57
19.05
-103
0.37
-35.8
4200
1.23
1.45
18.45
-128
0.34
-35.0
AC4086
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
419



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com