Electronic Components Datasheet Search
  English  ▼

X  

AC4086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC4086
Description  800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC4086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC4086 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC4086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-8 Package for Amplifiers
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
SMTO-8 Package for Amplifiers
2/99
AC4086
800 TO 4000 MHz
TO-8 CASCADABLE AMPLIFIER
DIMENSIONS ARE IN INCHES (MILLIMETERS)
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
DIMENSIONS ARE IN INCHES (MILLIMETERS)
AC4086
Typical Values
AC4086
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20.0 dB
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
<3.8 dB
High Output Level. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+20.5 dBm
High Reverse Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
39 dB
High Performance Thin Film
Standard Size TO-8
Small Signal Gain (Min.)
20.0 dB
19.0 dB
18.0 dB
Gain Flatness (Max.)
±0.5 dB
±0.7 dB
±1.0 dB
Noise Figure (Max.)
<3.8 dB
4.3 dB
4.8 dB
SWR (Max.)
Input
<1.6:1
1.8:1
1.9:1
Output
<1.8:1
2.0:1
2.1:1
Power Output (Min.)
@ 1dB comp.
+20.5^ dBm
+20.0^ dBm
+19.5^ dBm
Reverse Isolation
39 dB
—
—
DC Current (Max.)
60.0 mA
65.0 mA
70.0 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
800-4000 MHz
800-4000 MHz
800-4000 MHz
Typical @ 25° C; 2500 MHz
+12 Volts
+15 Volts
Second Order Harmonic Intercept Point . . . . .
+49 dBm
+48 dBm
Second Order Two Tone Intercept Point. . . . . .
+43 dBm
+42 dBm
Third Order Two Tone Intercept Point. . . . . . . .
+30 dBm
+30 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+17 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
200 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+41° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+39.6° C
1 Thermal resistance is based on total power dissipation.
AS4086
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.5 dBm lower below 1000 MHz.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
418
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006


Similar Part No. - AC4086

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC4086 TELEDYNE-AC4086 Datasheet
190Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC4086

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
105Kb / 1P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC4045 TELEDYNE-AC4045 Datasheet
179Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4052 TELEDYNE-AC4052 Datasheet
175Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4054 TELEDYNE-AC4054 Datasheet
183Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4056 TELEDYNE-AC4056 Datasheet
183Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4064 TELEDYNE-AC4064 Datasheet
185Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4066 TELEDYNE-AC4066 Datasheet
179Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4079 TELEDYNE-AC4079 Datasheet
178Kb / 2P
100 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4083 TELEDYNE-AC4083 Datasheet
176Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4088 TELEDYNE-AC4088 Datasheet
176Kb / 2P
800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com