Electronic Components Datasheet Search
  English  ▼

X  

AD8091 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8091
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8091 Datasheet HTML 3Page - Analog Devices AD8091 Datasheet HTML 4Page - Analog Devices AD8091 Datasheet HTML 5Page - Analog Devices AD8091 Datasheet HTML 6Page - Analog Devices AD8091 Datasheet HTML 7Page - Analog Devices AD8091 Datasheet HTML 8Page - Analog Devices AD8091 Datasheet HTML 9Page - Analog Devices AD8091 Datasheet HTML 10Page - Analog Devices AD8091 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
–7–
AD8091/AD8092
REV. A
FREQUENCY – MHz
3
2
–7
0.1
1
10
100
VS = +5V
GAIN AS SHOWN
RF AS SHOWN
RL = 2k
VO = 0.2V p-p
G = +10
RF = 2k
G = +5
RF = 2k
G = +1
RF = 0
G = +2
RF = 2k
–1
–4
–5
–6
1
0
–3
–2
500
TPC 1. Normalized Gain vs. Frequency; VS = +5 V
FREQUENCY – MHz
3
2
–7
0.1
500
1
10
100
–1
–4
–5
–6
1
0
–3
–2
VS = +3V
VS = 5V
VS = +5V
VS AS SHOWN
G = +1
RL = 2k
VO = 0.2V p-p
TPC 2. Gain vs. Frequency vs. Supply
FREQUENCY – MHz
3
2
–7
0.1
500
1
10
100
–1
–4
–5
–6
1
0
–3
–2
–40 C
+25 C
+85 C
VS = +5V
G = +1
RL = 2k
VO = 0.2V p-p
TEMPERATURE AS SHOWN
TPC 3. Gain vs. Frequency vs. Temperature
Typical Performance Characteristics–
FREQUENCY – MHz
6.3
6.2
5.3
0.1
1
10
100
VS = +5V
G = +2
RL = 150
RF = 806
VO = 0.2V p-p
5.9
5.6
5.5
5.4
6.1
6.0
5.7
5.8
TPC 4. 0.1 dB Gain Flatness vs. Frequency; G = +2
FREQUENCY – MHz
9
8
–1
0.1
500
1
10
100
5
2
1
0
7
6
3
4
VS AS SHOWN
G = +2
RL = 2k
RF = 2k
VO AS SHOWN
VS = +5V
VO = 2V p-p
VS = 5V
VO = 4V p-p
TPC 5. Large Signal Frequency Response; G = +2
FREQUENCY – MHz
70
–20
0.1
500
1
10
100
40
10
0
–10
60
50
20
30
0
–45
–90
–135
–180
GAIN
PHASE
50 PHASE
MARGIN
VS = +5V
RL = 2k
TPC 6. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com