Electronic Components Datasheet Search
  English  ▼

X  

AD8091 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8091
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8091 Datasheet HTML 7Page - Analog Devices AD8091 Datasheet HTML 8Page - Analog Devices AD8091 Datasheet HTML 9Page - Analog Devices AD8091 Datasheet HTML 10Page - Analog Devices AD8091 Datasheet HTML 11Page - Analog Devices AD8091 Datasheet HTML 12Page - Analog Devices AD8091 Datasheet HTML 13Page - Analog Devices AD8091 Datasheet HTML 14Page - Analog Devices AD8091 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
–11–
AD8091/AD8092
REV. A
LAYOUT, GROUNDING, AND BYPASSING
CONSIDERATIONS
Power Supply Bypassing
Power supply pins are actually inputs and care must be taken
so that a noise-free stable dc voltage is applied. The purpose of
bypass capacitors is to create low impedances from the supply to
ground at all frequencies, thereby shunting or filtering a majority
of the noise.
Decoupling schemes are designed to minimize the bypassing imped-
ance at all frequencies with a parallel combination of capacitors.
0.01
µF or 0.001 µF (X7R or NPO) chip capacitors are critical
and should be as close as possible to the amplifier package. Larger
chip capacitors, such as the 0.1
µF capacitor, can be shared among
a few closely spaced active components in the same signal path.
A 10
µF tantalum capacitor is less critical for high-frequency
bypassing and, in most cases, only one per board is needed at
the supply inputs.
Grounding
A ground plane layer is important in densely packed PC boards to
spread the current minimizing parasitic inductances. However,
an understanding of where the current flows in a circuit is critical
to implementing effective high-speed circuit design. The length
of the current path is directly proportional to the magnitude of
parasitic inductances and thus the high-frequency impedance of
the path. High-speed currents in an inductive ground return will
create an unwanted voltage noise.
The length of the high-frequency bypass capacitor leads are most
critical. A parasitic inductance in the bypass grounding will work
against the low impedance created by the bypass capacitor. Place
the ground leads of the bypass capacitors at the same physical
location. Because load currents flow from the supplies as well,
the ground for the load impedance should be at the same physical
location as the bypass capacitor grounds. For the larger value
capacitors, which are intended to be effective at lower frequencies,
the current return path distance is less critical.
Input Capacitance
Along with bypassing and ground, high-speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground.
A few pF of capacitance will reduce the input impedance at high
frequencies, in turn increasing the amplifier’s gain, causing peaking
of the frequency response or even oscillations, if severe enough.
It is recommended that the external passive components, which
are connected to the input pins, be placed as close as possible to
the inputs to avoid parasitic capacitance. The ground and power
planes must be kept at a distance of at least 0.05 mm from the
input pins on all layers of the board.
Input-to-Output Coupling
The input and output signal traces should not be parallel to mini-
mize capacitive coupling between the inputs and output, avoiding
any positive feedback.
DRIVING CAPACITIVE LOADS
A highly capacitive load will react with the output of the amplifiers,
causing a loss in phase margin and subsequent peaking or even
oscillation, as illustrated in Figures 2 and 3. There are two
methods to effectively minimize its effect.
1. Put a small value resistor in series with the output to isolate
the load capacitor from the amps’ output stage.
2. Increase the phase margin with higher noise gains or by adding a
pole with a parallel resistor and capacitor from –IN to the output.
FREQUENCY – MHz
500
0.1
1
10
100
VS = +5V
G = +1
RL = 2k
CL = 50pF
VO = 200mV p-p
8
6
4
2
0
2
4
6
8
10
Figure 2. Closed-Loop Frequency Response: CL = 50 pF
2.60V
2.55V
2.50V
2.45V
2.40V
p
Figure 3. 200 mV Step Response: CL = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com