Electronic Components Datasheet Search
  English  ▼

X  

82C84A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 82C84A
Description  CMOS Clock Generator Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C84A Datasheet(HTML) 1 Page - Renesas Technology Corp

  82C84A Datasheet HTML 1Page - Renesas Technology Corp 82C84A Datasheet HTML 2Page - Renesas Technology Corp 82C84A Datasheet HTML 3Page - Renesas Technology Corp 82C84A Datasheet HTML 4Page - Renesas Technology Corp 82C84A Datasheet HTML 5Page - Renesas Technology Corp 82C84A Datasheet HTML 6Page - Renesas Technology Corp 82C84A Datasheet HTML 7Page - Renesas Technology Corp 82C84A Datasheet HTML 8Page - Renesas Technology Corp 82C84A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN2974 Rev 4.00
Page 1 of 13
Sep 9, 2015
FN2974
Rev 4.00
Sep 9, 2015
82C84A
CMOS Clock Generator Driver
DATASHEET
The Intersil 82C84A is a high performance CMOS Clock
Generator-driver which is designed to service the requirements
of both CMOS and NMOS microprocessors such as the
80C86, 80C88, 8086 and the 8088. The chip contains a crystal
controlled oscillator, a divide-by-three counter and complete
“Ready” synchronization and reset logic.
Static CMOS circuit design permits operation with an external
frequency source from DC to 25MHz. Crystal controlled
operation to 25MHz is guaranteed with the use of a parallel,
fundamental mode crystal and two small load capacitors.
All inputs (except X1 and RES) are TTL compatible over
temperature and voltage ranges.
Power consumption is a fraction of that of the equivalent
bipolar circuits. This speed-power characteristic of CMOS
permits the designer to custom tailor his system design with
respect to power and/or speed requirements.
Features
• Generates the System Clock For CMOS or NMOS
Microprocessors
• Up to 25MHz Operation
• Uses a Parallel Mode Crystal Circuit or External
Frequency Source
• Provides Ready Synchronization
• Generates System Reset Output From Schmitt Trigger
Input
• TTL Compatible Inputs/Outputs
• Very Low Power Consumption
• Single 5V Power Supply
• Operating Temperature Ranges
- C82C84A . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- I82C84A . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
- M82C84A . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinouts
82C84A
(PDIP, CERDIP)
TOP VIEW
82C84A (PLCC, CLCC)
TOP VIEW
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VCC
X2
EFI
F/C
OSC
RES
X1
GND
ASYNC
RESET
CSYNC
PCLK
RDY1
READY
RDY2
CLK
AEN1
AEN2
4
5
6
7
8
910
11
12
13
3
2
1
20 19
15
14
18
17
16
RDY1
AEN2
NC
READY
RDY2
NC
F/C
EFI
X2
ASYNC
NO
LON
GE
R
AV
AI
LA
BL
E
OR
SU
PP
OR
TE
D


Similar Part No. - 82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C84A INTERSIL-82C84A Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
More results

Similar Description - 82C84A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com