Electronic Components Datasheet Search
  English  ▼

X  

82C84A Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 82C84A
Description  CMOS Clock Generator Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C84A Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 82C84A Datasheet HTML 5Page - Renesas Technology Corp 82C84A Datasheet HTML 6Page - Renesas Technology Corp 82C84A Datasheet HTML 7Page - Renesas Technology Corp 82C84A Datasheet HTML 8Page - Renesas Technology Corp 82C84A Datasheet HTML 9Page - Renesas Technology Corp 82C84A Datasheet HTML 10Page - Renesas Technology Corp 82C84A Datasheet HTML 11Page - Renesas Technology Corp 82C84A Datasheet HTML 12Page - Renesas Technology Corp 82C84A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
82C84A
FN2974 Rev 4.00
Page 12 of 13
Sep 9, 2015
Die Characteristics
DIE DIMENSIONS:
66.1 x 70.5 x 19
1mils
METALLIZATION:
Type: Si - AI
Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å 1kÅ
WORST CASE CURRENT DENSITY:
1.42 x 105 A/cm2
Metallization Mask Layout
82C84A
AEN1
PCLK
CSYNC
VCC
X1
RDY1
READY
RDY2
AEN2
CLK
GND
RESET
RES
OSC
X2
ASYNC
EFI
F/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com