Electronic Components Datasheet Search
  English  ▼

X  

CA3140 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CA3140
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CA3140 Datasheet HTML 9Page - Renesas Technology Corp CA3140 Datasheet HTML 10Page - Renesas Technology Corp CA3140 Datasheet HTML 11Page - Renesas Technology Corp CA3140 Datasheet HTML 12Page - Renesas Technology Corp CA3140 Datasheet HTML 13Page - Renesas Technology Corp CA3140 Datasheet HTML 14Page - Renesas Technology Corp CA3140 Datasheet HTML 15Page - Renesas Technology Corp CA3140 Datasheet HTML 16Page - Renesas Technology Corp CA3140 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 13 of 24
Jul 11, 2005
FIGURE 11. METER DRIVER AND BUFFER AMPLIFIER
FIGURE 12. SINE WAVE SHAPER
FIGURE 13. SWEEPING GENERATOR
FREQUENCY
CALIBRATION
MINIMUM
200
A
METER
FREQUENCY
CALIBRATION
MAXIMUM
METER
SENSITIVITY
ADJUSTMENT
METER
POSITION
ADJUSTMENT
CA3080A
6
3
2
4
7
+
CA3140
-
FREQUENCY
ADJUSTMENT
10k
620
4.7k
0.1
F
12k
2k
500k
620k
51k
3M
510
510
2k
3.6k
-15V
M
11
14
13
3/5 OF CA3086
5
4
TO CA3080A
OF FUNCTION
GENERATOR
(FIGURE 10)
7
8
6
9
1k
2.4k
2.5
k
+15V
SWEEP IN
10
12
6
3
2
4
7
+
CA3140
-
7
2
8
5
6
1
4
3
9
5.1k
0.1
F
-15V
D1
D4
D2
D3
D6
D5
CA3019
DIODE ARRAY
EXTERNAL
OUTPUT
+15V
+15V
-15V
100
k
SUBSTRATE
OF CA3019
TO
WIDEBAND
OUTPUT
AMPLIFIER
7.5k
5.6k
-15V
R3 10k
10k
0.1
F
1M
9.1k
R1
10k
R2
1k
430
4
7
+
CA3140
-
0.1
+15V
-15V
2
3
6
F
0.1
F
COARSE
RATE
SAWTOOTH
SYMMETRY
0.47
F
0.047
F
4700pF
470pF
7
3
2
6
4
+
CA3140
-
5
1
3
2
4
1
5
51k
6.8k
91k
10k
100
390
3.9
25k
+15V
-15V
10k
10k
100k
30k
43k
LOGVIO
50k
LOG
RATE
10k
GATE
PULSE
OUTPUT
-15V
EXTERNAL OUTPUT
TO FUNCTION GENERATOR “SWEEP IN”
SWEEP WIDTH
TO OUTPUT
AMPLIFIER
36k
51k
75k
50k
SAWTOOTH
“LOG”
TRIANGLE
+15V
+15V
4
7
+
CA3140
-
3
2
6
+15V
TRANSISTORS
FROM CA3086
ARRAY
ADJUST
TRIANGLE
SAWTOOTH
“LOG”
8.2k
100k
100k
FINE
RATE
SAWTOOTH
22M
1M
18M
750k
“LOG”
1N914
1N914
SAWTOOTH AND
RAMP LOW LEVEL
SET (-14.5V)
-15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com