Electronic Components Datasheet Search
  English  ▼

X  

CA3140 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # CA3140
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3140 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button CA3140 Datasheet HTML 11Page - Renesas Technology Corp CA3140 Datasheet HTML 12Page - Renesas Technology Corp CA3140 Datasheet HTML 13Page - Renesas Technology Corp CA3140 Datasheet HTML 14Page - Renesas Technology Corp CA3140 Datasheet HTML 15Page - Renesas Technology Corp CA3140 Datasheet HTML 16Page - Renesas Technology Corp CA3140 Datasheet HTML 17Page - Renesas Technology Corp CA3140 Datasheet HTML 18Page - Renesas Technology Corp CA3140 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CA3140, CA3140A
FN957 Rev.10.00
Page 15 of 24
Jul 11, 2005
A small heat sink VERSAWATT transistor is used as the series
pass element in the fold back current system, Figure 17, since
dissipation levels will only approach 10W. In this system, the
D2201 diode is used for current sampling. Foldback is
provided by the 3k
 and 100k divider network connected to
the base of the current sensing transistor.
Both regulators provide better than 0.02% load regulation.
Because there is constant loop gain at all voltage settings, the
regulation also remains constant. Line regulation is 0.1% per
volt. Hum and noise voltage is less than 200
V as read with a
meter having a 10MHz bandwidth.
Figure 18A shows the turn ON and turn OFF characteristics of
both regulators. The slow turn on rise is due to the slow rate of
rise of the reference voltage. Figure 18B shows the transient
response of the regulator with the switching of a 20
 load at
20V output.
FIGURE 16. REGULATED POWER SUPPLY
FIGURE 17. REGULATED POWER SUPPLY WITH “FOLDBACK”
CURRENT LIMITING
5V/Div., 1s/Div.
FIGURE 18A. SUPPLY TURN-ON AND TURNOFF
CHARACTERISTICS
Top Trace: Output Voltage;
200mV/Div., 5
s/Div.
Bottom Trace: Collector of load switching transistor, load = 1A;
5V/Div., 5
s/Div.
FIGURE 18B. TRANSIENT RESPONSE
FIGURE 18. WAVEFORMS OF DYNAMIC CHARACTERISTICS OF POWER SUPPLY CURRENTS SHOWN IN FIGURES 16 AND 17
1
3
75
3k
100
2
1k
 1k
D2201
CURRENT
LIMITING
ADJUST
2N6385
POWER DARLINGTON
2
1k
1
3
8
2N2102
1k
+30V
INPUT
4
CA3140
7
1
6
5
100k
2
3
180k
56pF
1k
82k
250
F
+
-
0.01
F
100k
14
10
6
9
8
50k
13
5
F
+
-
12
CA3086
2.2k
3
1
5
4
62k
VOLTAGE
ADJUST
10
F
+
-
2.7k
1k
11
7
2
HUM AND NOISE OUTPUT <200
VRMS
(MEASUREMENT BANDWIDTH
~10MHz)
LINE REGULATION 0.1%/V
LOAD REGULATION
(NO LOAD TO FULL LOAD)
<0.02%
OUTPUT
0.1
 24V
AT 1A
1
2
1k
 200
D2201
“FOLDBACK” CURRENT
LIMITER
2N5294
3k
8
2N2102
1k
+30V
INPUT
4
CA3140
7
1
6
5
100k
2
3
180k
56pF
1k
82k
250
F
+
-
0.01
F
100k
14
10
6
9
8
50k
13
5
F
+
-
12
CA3086
2.2k
3
1
5
4
62k
VOLTAGE
ADJUST
10
F
+
-
2.7k
1k
11
7
2
HUM AND NOISE OUTPUT <200
VRMS
(MEASUREMENT BANDWIDTH
~10MHz)
LINE REGULATION 0.1%/V
LOAD REGULATION
(NO LOAD TO FULL LOAD)
<0.02%
OUTPUT
 0V TO 25V
25V AT 1A
3
100k
“FOLDS BACK”
TO 40mA
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com