Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 2 Page - Crydom Inc.,

Part # SPF
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SPF Datasheet(HTML) 2 Page - Crydom Inc.,

  SPF Datasheet HTML 1Page - Crydom Inc., SPF Datasheet HTML 2Page - Crydom Inc., SPF Datasheet HTML 3Page - Crydom Inc., SPF Datasheet HTML 4Page - Crydom Inc., SPF Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
WIRING DIAGRAM
DC Control
AC Control
(1)
All parameters at 25°C unless otherwise specified.
(2)
Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
(3)
Heatsink temperature 85°C Maximum
(4)
Turn-On Time for Instantaneous Turn-on versions 0.1 msec (DC Control Models)
GENERAL SPECIFICATIONS (1)
Parameters
Description
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-30 to 80 °C
Ambient Storage Temperature Range
-30 to 125 °C
Weight (typical)
0.85 oz (25 g)
Encapsulation
Thermally conductive Epoxy
GENERAL NOTES
V2
4
3
1
LOAD
Load can be wired in position A or B
VAC
+VDC
VAC
-VDC
TRIGGER
CIRCUIT
A
B
LOAD
V2
4
3
1
LOAD
Load can be wired in position A or B
VAC
VAC
VAC
VAC
TRIGGER
CIRCUIT
A
B
LOAD
AC/DC
Converter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com