Electronic Components Datasheet Search
  English  ▼

X  

SPF Datasheet(PDF) 3 Page - Crydom Inc.,

Part # SPF
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SPF Datasheet(HTML) 3 Page - Crydom Inc.,

  SPF Datasheet HTML 1Page - Crydom Inc., SPF Datasheet HTML 2Page - Crydom Inc., SPF Datasheet HTML 3Page - Crydom Inc., SPF Datasheet HTML 4Page - Crydom Inc., SPF Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
THERMAL DERATE INFORMATION
10
8
6
4
2
0
10
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
Figure 1 Convection Cooling
Figure 2 Forced Air Cooling
25
20
15
10
5
0
20
40
60
80
100
120
0
Heatsink Temperature (ºC)
140
AGENCY APPROVALS
E116950
Rev. 091015
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
4 3
2
1
.040 [1.0] DIA
( 4 PLACES)
0.70
[17.7]
0.20
[5.0]
1.10
[27.9]
1.70
[43.1]
1.35
[34.2]
0.05
[1.27]
1.60
[40.6]
0.72
[18.2]
0.90
[22.8]
0.30
[7.62]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com