Electronic Components Datasheet Search
  English  ▼

X  

AP2008 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP2008
Description  10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2008 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP2008 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2008 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
255
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
10.0
8.0
6.0
4.0
2.0
0.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
28.0
26.0
24.0
22.0
20.0
18.0
Power Output at 1 dB Compression
FREQUENCY - MHz
FREQUENCY - MHz
10
30
100 200 400
800
1200
1600
2000
2400
10
30
100 200 400
800
1200
1600
2000
2400
Gain vs Temperature Vcc = 15
FREQUENCY - MHz
10
30
100 200 400
800
1200
1600
2000
2400
13.0
12.0
11.0
10.0
9.0
90
80
70
60
50
40
30
Intercept Point Vcc = 15
FREQUENCY - MHz
10
30
100 200 400
800
1200
1600
2000
2400
2nd HAR
IP 3
IP 2
80
70
60
50
40
30
20
Intercept Point Vcc = 12
FREQUENCY - MHz
10
30
100 200 400
800
1200
1600
2000
2400
2nd HAR
IP 3
IP 2
15 V
15 V
12 V
12 V
Model: AP2008
Vcc= +15V
Icc= 167.52
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.69
1.53
11.79
-153
-18.7
30
1.25
1.47
11.96
-174
-18.9
50
1.20
1.49
11.98
-179
0.57
-18.9
100
1.17
1.49
12.04
174
0.37
-19.1
200
1.14
1.49
12.01
163
0.29
-19.1
400
1.13
1.46
11.93
144
0.26
-19.2
600
1.10
1.45
11.91
125
0.26
-19.2
800
1.06
1.46
11.90
107
0.25
-19.2
1000
1.04
1.48
11.96
89
0.25
-19.4
1200
1.06
1.49
11.98
69
0.28
-19.5
1400
1.11
1.52
11.93
50
0.27
-19.6
1600
1.13
1.55
11.87
30
0.27
-19.6
1800
1.12
1.62
11.80
10
0.28
-19.5
2000
1.13
1.75
11.80
-12
0.32
-19.3
2200
1.19
1.95
11.64
-34
0.32
-19.4
LINEAR S-PARAMETERS
Model: AP2008
Vcc= +15V
Icc=167.52
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.26
-62.3
3.89
-152.9
0.116
19.8
0.21
171.5
30
0.11
-45.3
3.96
-173.7
0.113
3.8
0.19
-179.6
50
0.09
-36.4
3.97
-178.9
0.113
0.3
0.20
178.5
100
0.08
-27.1
4.00
173.6
0.111
-3.8
0.20
171.7
200
0.06
-23.3
3.99
162.8
0.112
-9.2
0.20
162.0
400
0.06
-26.3
3.95
143.6
0.110
-20.5
0.19
145.6
600
0.05
-33.0
3.94
125.3
0.110
-31.2
0.19
129.7
800
0.03
-39.2
3.94
107.2
0.110
-42.2
0.19
112.6
1000
0.02
-14.2
3.96
88.7
0.108
-52.4
0.19
94.5
1200
0.03
26.9
3.97
69.0
0.106
-63.5
0.20
71.2
1400
0.05
30.0
3.95
49.8
0.105
-74.1
0.20
45.9
1600
0.06
19.1
3.92
30.0
0.105
-86.1
0.22
19.2
1800
0.06
20.8
3.89
9.6
0.106
-99.5
0.24
-6.0
2000
0.06
16.2
3.89
-11.9
0.109
-115.2
0.27
-30.6
2200
0.09
33.7
3.82
-33.7
0.108
-132.6
0.32
-53.0
2300
0.13
40.9
3.69
-46.8
0.108
-143.1
0.35
-64.7
Model: AP2008
Vcc= +12V
Icc= 140.76
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.67
1.61
11.63
-153
-19.2
30
1.24
1.61
11.80
-174
-19.5
50
1.19
1.65
11.85
-179
0.57
-19.5
100
1.15
1.65
11.90
174
0.35
-19.6
200
1.12
1.66
11.89
163
0.28
-19.7
400
1.10
1.64
11.83
144
0.26
-19.7
600
1.07
1.64
11.85
125
0.26
-19.6
800
1.03
1.65
11.85
107
0.25
-19.6
1000
1.04
1.68
11.89
88
0.25
-19.6
1200
1.07
1.68
11.91
68
0.28
-19.5
1400
1.13
1.68
11.86
48
0.27
-19.3
1600
1.14
1.68
11.79
28
0.27
-19.1
1800
1.15
1.71
11.74
7
0.30
-18.7
2000
1.20
1.80
11.77
-14
0.33
-18.5
2200
1.35
1.96
11.54
-37
0.31
-18.4
LINEAR S-PARAMETERS
Model: AP2008
Vcc= +12V
Icc=140.76
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.25
-63.6
3.81
-153.3
0.110
17.5
0.23
-178.1
30
0.11
-48.7
3.89
-173.6
0.106
3.2
0.23
-176.1
50
0.09
-40.0
3.91
-178.8
0.106
0.1
0.24
-178.9
100
0.07
-29.8
3.94
173.7
0.104
-3.3
0.25
174.7
200
0.06
-25.1
3.93
162.9
0.104
-8.2
0.25
165.8
400
0.05
-27.7
3.90
143.5
0.104
-18.5
0.24
152.2
600
0.03
-31.3
3.91
125.1
0.104
-27.6
0.24
138.4
800
0.01
-22.3
3.91
106.6
0.105
-36.6
0.25
123.1
1000
0.02
43.2
3.93
87.8
0.105
-46.8
0.25
106.8
1200
0.04
55.4
3.94
67.9
0.106
-56.1
0.25
87.4
1400
0.06
46.6
3.92
48.3
0.108
-66.2
0.25
66.2
1600
0.07
39.3
3.88
28.3
0.111
-78.0
0.25
42.8
1800
0.07
46.3
3.86
7.4
0.116
-91.0
0.26
20.1
2000
0.09
45.6
3.88
-14.4
0.119
-106.1
0.29
-4.3
2200
0.15
48.4
3.77
-37.1
0.120
-124.2
0.32
-27.4
2300
0.20
46.1
3.68
-51
0.122
-133.8
0.35
-39.9
AP2008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com