Electronic Components Datasheet Search
  English  ▼

X  

AP2008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP2008
Description  10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP2008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP2008 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP2008 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
254
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2003
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
DIMENSIONS ARE IN INCHES (MILLIMETERS)
rev. 10/00
Typical @ 25° C
+12 Volts
+15 Volts
Second Order Harmonic Intercept Point . . . . .
+51 dBm
+66 dBm
Second Order Two Tone Intercept Point . . . . .
+45 dBm
+60 dBm
Third Order Two Tone Intercept Point . . . . . . .
+34 dBm
+40 dBm
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
TO-8 Package for Amplifiers
SPECIFICATIONS
Guaranteed*
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
10-2100 MHz
10-2000 MHz
10-2000 MHz
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
AP2008
10 TO 2000 MHz
TO-8 CASCADABLE AMPLIFIER
SMTO-8 Package for Amplifiers
AP2008
Typical Values
AP2008
Low Noise Figure. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.0 dB
High Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+24.5 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
40 dBm
High Second Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . .
60 dBm
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
11.5 dB
11.0 dB
10.5 dB
Gain Flatness (Max.)
±0.4 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
100-200 MHz
3.6 dB
4.2 dB
4.7 dB
200-2000 MHz
3.0 dB
3.5 dB
4.0 dB
SWR (Max.)
Input
<1.2:1^
1.6:1^
1.8:1^
Output
<1.5:1^
1.8:1^
1.9:1^
Power Output (Min.)
@ 1dB comp.
+24.5† dBm
+24.0† dBm
+23.0† dBm
DC Current (Max.)
165 mA
175 mA
185 mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . .
+17 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+85° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . .
+14° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+35.6° C
1 Thermal resistance is based on total power dissipation.
APS2008
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.2 higher below 100 MHz. † 1.0 dBm lower above 1800 MHz.
DIMENSIONS ARE IN INCHES (MILLIMETERS)


Similar Part No. - AP2008

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2008 DIODES-AP2008 Datasheet
125Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Teledyne Technologies I...
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Diodes Incorporated
AP2008S DIODES-AP2008S Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2008SG-13 DIODES-AP2008SG-13 Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
More results

Similar Description - AP2008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
Teledyne Technologies I...
AC2028 TELEDYNE-AC2028 Datasheet
159Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2037 TELEDYNE-AC2037 Datasheet
176Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2046 TELEDYNE-AC2046 Datasheet
160Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2056 TELEDYNE-AC2056 Datasheet
160Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2066 TELEDYNE-AC2066 Datasheet
161Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AP2009 TELEDYNE-AP2009 Datasheet
162Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AP2079 TELEDYNE-AP2079 Datasheet
164Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2034 TELEDYNE-AC2034 Datasheet
102Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com