Electronic Components Datasheet Search
  English  ▼

X  

EL4501 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4501
Description  Video Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4501 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4501 Datasheet HTML 1Page - Renesas Technology Corp EL4501 Datasheet HTML 2Page - Renesas Technology Corp EL4501 Datasheet HTML 3Page - Renesas Technology Corp EL4501 Datasheet HTML 4Page - Renesas Technology Corp EL4501 Datasheet HTML 5Page - Renesas Technology Corp EL4501 Datasheet HTML 6Page - Renesas Technology Corp EL4501 Datasheet HTML 7Page - Renesas Technology Corp EL4501 Datasheet HTML 8Page - Renesas Technology Corp EL4501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN7327 Rev 3.00
Page 1 of 20
November 12, 2010
FN7327
Rev 3.00
November 12, 2010
EL4501
Video Front End
DATASHEET
The EL4501 is a highly-integrated Video Front End (VFE)
incorporating all of the key signal conditioning functions for
analog video signals. It provides a flexible front-end interface
for analog or analog/digital video sub-systems. The VFE
contains a high bandwidth DC-restore, an advanced sync
separator and a data slicer with an adjustable threshold,
configurable output and power-down mode.
The VFE performs restoration of the DC level (blanking
level) of a video signal and the recovery of all signal timing
necessary for synchronization and control. Additionally, data
embedded in the active video or VBI regions of the video
signal may be extracted using the flexible data slicer
incorporated into the VFE. The advanced sync separator
exhibits excellent noise immunity by incorporating a digital
brick wall filter and signal qualification algorithm. The
DC-restored video amplifier is unity gain stable with an
unloaded -3dB bandwidth of 100MHz. The input common
mode voltage range extends from the negative rail to within
1.5V of the positive rail. When driving a 75
 double
terminated coaxial cable, the amplifier can drive to within
150mV of either rail. With 200V/µs slew rate, the amplifier is
well suited for composite and component video applications.
The VFE operates from a single 5V supply from -40°C to
+85°C and is available in a reduced footprint 24 Ld QSOP
package.
Features
• DC-restore and sync separator
• Wideband (100MHz) DC-restore
• Advanced sync separator
• Programmable data slicer
• Single 5V operation
• Diff gain/phase = 0.05%/0.03°, RL = 10k, AV = 1
• Low power (<75mW)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video capture & editing
• Video projectors
• Set top boxes
• Security video
• Embedded data recovery
Pinout
EL4501
(24 LD QSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL4501IU
EL4501IU
-
24 Ld QSOP MDP0040
EL4501IU-T7
EL4501IU
7”
24 Ld QSOP MDP0040
EL4501IU-T13
EL4501IU
13”
24 Ld QSOP MDP0040
EL4501IUZ
(See Note)
EL4501IUZ
-
24 Ld QSOP
(Pb-free)
MDP0040
EL4501IUZ-T7
(See Note)
EL4501IUZ
7”
24 Ld QSOP
(Pb-free)
MDP0040
EL4501IUZ-T13
(See Note)
EL4501IUZ
13”
24 Ld QSOP
(Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VFB
VIDEO IN
DS MODE
DS ENABLE
GND
GNDD
RFREQ
FSEL
SYNC IN
LOS
COMPOSITE
HORIZONTAL
VIDEO OUT
DS OUT
DS REF
REF IN
REF OUT
VS
VSD
SYNC AMP
SLICE MODE
BACK PORCH
ODD/EVEN
VERTICAL


Similar Part No. - EL4501

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
EL4501CS ELANTEC-EL4501CS Datasheet
183Kb / 10P
Video Front End
EL4501CU ELANTEC-EL4501CU Datasheet
183Kb / 10P
Video Front End
More results

Similar Description - EL4501

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com