Electronic Components Datasheet Search
  English  ▼

X  

EL4501 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EL4501
Description  Video Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4501 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EL4501 Datasheet HTML 11Page - Renesas Technology Corp EL4501 Datasheet HTML 12Page - Renesas Technology Corp EL4501 Datasheet HTML 13Page - Renesas Technology Corp EL4501 Datasheet HTML 14Page - Renesas Technology Corp EL4501 Datasheet HTML 15Page - Renesas Technology Corp EL4501 Datasheet HTML 16Page - Renesas Technology Corp EL4501 Datasheet HTML 17Page - Renesas Technology Corp EL4501 Datasheet HTML 18Page - Renesas Technology Corp EL4501 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
EL4501
FN7327 Rev 3.00
Page 15 of 20
November 12, 2010
Block Diagram
Applications Information
Product Description
The EL4501 is a video front-end sub-system comprised of a
video amplifier with DC-restore, an adjustable threshold data
slicer, and an advanced sync separator. The prime function of
the system is to DC-stabilize and buffer AC-coupled analog
video signals and to extract timing reference signals
embedded in the video signal. An adjustable threshold data
slicer incorporated into the EL4501 may be used to extract
data embedded within the active video or VBI regions of a
video signal.
Theory of Operation
DC-RESTORE LOOP
When video signals are distributed, it is common to employ
capacitive coupling to prevent DC current flow due to
differences in local grounds or signal reference levels.
However, the coupling capacitor causes the DC level of the
signal post capacitor to be dependent on the video (luminance)
content of the waveform. A DC-restore loop is used to correct
this behavior by moving a portion of the video waveform to a
DC reference level in response to a control signal. When the
loop is operating, DC drift accumulates over a single line only,
before it is corrected. The peak value of drift is limited by the
rate of the control signal (typically video line rate) and the AC
coupling time constant.
The restore loop is comprised of a 100MHz forward video
amplifier, combined with a nulling amplifier and sample and
hold circuit. For maximum flexibility the hold capacitor is placed
off-chip, allowing the loop response rate to be tailored for
specific applications and minimizing hold-step problems. The
loop provides a restore current peak of ±20µA at room
temperature. Figure 36 shows the amplifier and S/H
connection. During normal operation the internally generated
DC-restore control signal is timed to the back porch of the
video waveform. Figure 37 shows an NTSC video signal, along
with the EL4501 BACK PORCH output. In operation, BACK
PORCH activates the S/H switch, completing the nulling
feedback loop and driving the video amplifier output towards
the reference voltage. At the end of BACK PORCH, the
external capacitor holds the correction voltage for the
remainder of the video line. In the absence of a valid input
signal, the chip generates a repetitive, arbitrary restore control
signal at the line rate set by the external resistor RFREQ.
Although uncorrelated to the input, the pulse prevents the
amplifier output drifting significantly from the DC-restore
-
+
-
+
-
+
FILTER
+
-
SYNC
SEPARATOR
GND
GNDD
RFREQ
LOS
SYNC AMP
FSEL
SYNC IN
VIDEO IN
0.1µF
0.1µF
INPUT
VIDEO
VS
VSD
DS REF
ODD/EVEN
VERTICAL
HORIZONTAL
COMPOSITE
BACK PORCH
REF OUT
REF IN
VFB
VIDEO OUT
DS OUT
DS ENABLE
DS MODE
CHOLD
CREF
RF
RG
1.3V
TRACK/
HOLD
SLICE
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com