Electronic Components Datasheet Search
  English  ▼

X  

FDMF3172 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMF3172
Description  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3172 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMF3172 Datasheet HTML 3Page - ON Semiconductor FDMF3172 Datasheet HTML 4Page - ON Semiconductor FDMF3172 Datasheet HTML 5Page - ON Semiconductor FDMF3172 Datasheet HTML 6Page - ON Semiconductor FDMF3172 Datasheet HTML 7Page - ON Semiconductor FDMF3172 Datasheet HTML 8Page - ON Semiconductor FDMF3172 Datasheet HTML 9Page - ON Semiconductor FDMF3172 Datasheet HTML 10Page - ON Semiconductor FDMF3172 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3172 Rev. 1.0
7
Electrical Characteristics
Typical value is under VCC=PVCC=5 V and TA=TJ=+25°C unless otherwise noted. Minimum and maximum values
are under VCC=PVCC=5 V±10% and TJ=TA=0°C to +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IMON Block Times
tblank_HSoff
HS Off to LS On Blanking Stop
Time
IMON Blanking Time for PWM
Transition 10
70
ns
Tblank_HSon
HS On to LS Off Blanking Stop
Time
IMON Blanking Time for PWM
Transition 01
70
ns
BWIMON
IMON Amplifier Gain BW
L=150 nH, VIN=12 V, VOUT=1.8 V,
fSW=800 kHz
5.0
7.5
MHz
tdelay
IMON Propagation Delay Time
L=150 nH, VIN=12 V, VOUT=1.8 V,
fSW=800 kHz, IMON Peak to IL Peak
60
75
ns
IMON Operating Range (TA=TJ=-40°C to 125°C, VCC / PVCC=4.5 V to 5.5 V, VIN=5 V to 16 V)
VIMON
Dynamic Range at IMON Pin
0.5
2.5
V
IMON Accuracy (TA=TJ=25°C to 125°C, VCC / PVCC=4.75 V to 5.25 V, VIN=12 V)
(2)
IMON_SLOPE
IOUT=-20 A to 50 A
4.75
5.00
5.25
µA/A
VIMON_SLOPE
RIMON=1 k – resistor placed
from IMON to REFIN and used
to measure IMON-REFIN
differential voltage
Current Monitor Voltage
(VIMON-REFIN)
VREFIN Range=0.55 V to 2.0 V
IOUT=-20 A to 50 A
4.75
5.00
5.25
µA/A
VIMON_-10A
IOUT=-10 A, Voltage is Referenced to
REFIN Pin
-53.5
-50.0
-46.5
mV
VIMON_10A
IOUT=10 A, Voltage is Referenced to
REFIN Pin
46.5
50.0
53.5
mV
VIMON_20A
IOUT=20 A, Voltage is Referenced to
REFIN Pin
95.5
100.0
105.0
mV
VIMON_30A
IOUT=30 A, Voltage is Referenced to
REFIN Pin
142.5
150.0
157.5
mV
VIMON_40A
IOUT=40 A, Voltage is Referenced to
REFIN Pin
190.0
200.0
210.0
mV
FAULT Report
VFAULT
Fault Report Voltage
2.9
V
TD_FAULT
Fault Report Delay Time
100
ns
Over-Temperature Protection (OTP) FAULT
OTP
Over-Temperature Protection
Accuracy
Driver IC Temperature
132
136
140
°C
OTP_hysteresis OTP Hysteresis
Driver IC Temperature
10
15
20
°C
HS Cycle-By-Cycle I-Limit
tD_ILimit-COMP
I-limit Comparator Input-Output
Propagation Delay
Input Signal=380 mV,
dv/dt=0.2 mV/nsec.
60
ns
tBLANK_ILimit
I-limit Blanking Time
De-glitch Filter (Blanking) Time for I-
Limit Comparator Trip
33
ns
tD_ILimit
I-limit Detect to TMON/FAULT#
Signal=HIGH
100
ns
ILIM1
Over-Current Protection
Accuracy
TA=TJ=25° to 125°C
60
65
70
A
ILIM_HYS
OCP Hysteresis
10
A
Negative Over-Current (NOCP) FAULT
INOCP_LOW
NOCP Trip LOW Level
-70
-60
-50
A
INOCP_HYS
NOCP Hysteresis
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com