Electronic Components Datasheet Search
  English  ▼

X  

FDMF3172 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDMF3172
Description  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3172 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FDMF3172 Datasheet HTML 4Page - ON Semiconductor FDMF3172 Datasheet HTML 5Page - ON Semiconductor FDMF3172 Datasheet HTML 6Page - ON Semiconductor FDMF3172 Datasheet HTML 7Page - ON Semiconductor FDMF3172 Datasheet HTML 8Page - ON Semiconductor FDMF3172 Datasheet HTML 9Page - ON Semiconductor FDMF3172 Datasheet HTML 10Page - ON Semiconductor FDMF3172 Datasheet HTML 11Page - ON Semiconductor FDMF3172 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3172 Rev. 1.0
8
Electrical Characteristics
Typical value is under VCC=PVCC=5 V and TA=TJ=+25°C unless otherwise noted. Minimum and maximum values
are under VCC=PVCC=5 V±10% and TJ=TA=0°C to +125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
HS-Short Detect Fault
VHS_SHORT
HS_short Comparator
Reference Voltage
0.2
V
tBLANK_HS-short
HS Short Detect Blanking Time Blanking Time Needed for Noise
50
ns
Pre-OVP
VOVP_H
OVP Comparator Reference
Voltage
Rising Threshold
2.58
2.80
2.92
V
VOVP_L
Falling Threshold
1.6
V
Boot Diode
VF
Forward-Voltage Drop
IF=10 mA
0.4
V
VR
Breakdown Voltage
30
V
Note:
2.
Imon performance is guaranteed by independent ATE testing of High-side and Low-side slope and offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com