Electronic Components Datasheet Search
  English  ▼

X  

EL5174 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5174
Description  550MHz Differential Twisted-Pair Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5174 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5174 Datasheet HTML 1Page - Renesas Technology Corp EL5174 Datasheet HTML 2Page - Renesas Technology Corp EL5174 Datasheet HTML 3Page - Renesas Technology Corp EL5174 Datasheet HTML 4Page - Renesas Technology Corp EL5174 Datasheet HTML 5Page - Renesas Technology Corp EL5174 Datasheet HTML 6Page - Renesas Technology Corp EL5174 Datasheet HTML 7Page - Renesas Technology Corp EL5174 Datasheet HTML 8Page - Renesas Technology Corp EL5174 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
EL5174, EL5374
FN7313 Rev 9.00
Page 2 of 15
August 12, 2015
Pin Descriptions
EL5174
EL5374
PIN NAME
PIN FUNCTION
1
FBP
Feedback from non-inverting output
2
IN+
Non-inverting input
3
REF
Inverting inputs, note that on EL5174, this pin is also the REF pin
4
FBN
Feedback from inverting output
5
OUT-
Inverting output
6
VS+
Positive supply
7
VS-
Negative supply
8
OUT+
Non-inverting output
17, 21, 27
FBP3, FBP2, FBP1
Feedback from non-inverting outputs
2, 6, 10
INP1, INP2, INP3
Non-inverting inputs
3, 7, 11
INN1, INN2, INN3
Inverting inputs, note that on EL5174, this pin is also the REF pin
16, 20, 26
FBN3, FBN2, FBN1
Feedback from inverting outputs
15, 19, 25
OUT3B, OUT2B, OUT1B
Inverting outputs
24
VSP
Positive supply
23
VSN
Negative supply
18, 22, 28
OUT3, OUT2, OUT1
Non-inverting outputs
1, 5, 9, 13
NC
No connect; grounded for best crosstalk performance
4, 8, 12
REF1, REF2, REF3
Reference inputs, sets common-mode output voltage
14
EN
ENABLE
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
EL5174ISZ
5174ISZ
-40 to +85
8 Ld SOIC
M8.15E
EL5374IUZ
(No longer available,
recommended replacement:
EL5373IUZ)
EL5374IUZ
-40 to +85
28 Ld QSOP
M28.15
NOTE:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for EL5174, EL5374. For more information on MSL please see tech brief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com