Electronic Components Datasheet Search
  English  ▼

X  

EAST2012YA0 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA0
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA0 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAST2012YA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATASHEET
SMD  B
EAST2012YA0
2
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 07-May-2009. Issue No: 1
www.everlightamericas.com
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
AIGaInP
Brilliant Yellow
Water Clear
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
eak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Electrostatic Discharge
ESDHBM
2000
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com