Electronic Components Datasheet Search
  English  ▼

X  

EAST2012YA0 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA0
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA0 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAST2012YA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA0 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DATASHEET
SMD  B
EAST2012YA0
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 07-May-2009. Issue No: 1
www.everlightamericas.com
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
N1
28.5
36.0
mcd
IF =20mA
N2
36.0
45.0
P1
45.0
57.0
P2
57.5
72.0
Bin Range Of Dom. Wavelength
Bin Code
Min.
Max.
Unit
Condition
D3
585.5
588.5
nm
IF =20mA
D4
588.5
591.5
D5
591.5
594.5
Note:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Dominant Wavelength ±1nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com