Electronic Components Datasheet Search
  English  ▼

X  

ISL97646 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97646
Description  Boost LDO VON Slice VCOM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97646 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97646 Datasheet HTML 7Page - Renesas Technology Corp ISL97646 Datasheet HTML 8Page - Renesas Technology Corp ISL97646 Datasheet HTML 9Page - Renesas Technology Corp ISL97646 Datasheet HTML 10Page - Renesas Technology Corp ISL97646 Datasheet HTML 11Page - Renesas Technology Corp ISL97646 Datasheet HTML 12Page - Renesas Technology Corp ISL97646 Datasheet HTML 13Page - Renesas Technology Corp ISL97646 Datasheet HTML 14Page - Renesas Technology Corp ISL97646 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL97646
FN6265 Rev 2.00
Page 13 of 15
February 8, 2016
Low to high transition is determined primarily by the switch
resistance and the external capacitive load. High to low
transition is more complex. Take the case where the block is
already enabled (VDPM is H). When VFLK is H, pin CE is
grounded. On the falling edge of VFLK, a current is passed into
pin CE, to charge an external capacitor to 1.2V. This creates a
delay, equal to CE*4200. At this point, the output begins to pull
down from VGH to VDD1. The slew current is equal to 300/(RE
+ 5000)*Load Capacitance.
Start-Up Sequence
Figure 18 shows a detailed start-up sequence waveform.
When VIN exceeds 2.5V and ENABLE reaches the VIH
threshold value, Boost converter and LDO start-up, and gate
pulse modulator circuit output holds until VDPM goes to high.
Note that there is a DC path in the boost converter from the
input to the output through the inductor and diode, hence the
input voltage will be seen at output with a forward voltage drop
of diode before the part is enabled. If this voltage is not
desired, the following circuit can be inserted between input and
inductor to disconnect the DC path when the part is disabled.
VCOM Amplifier
The VCOM amplifier is designed to control the voltage on the
back plate of an LCD display. This plate is capacitively coupled
to the pixel drive voltage which alternately cycles positive and
negative at the line rate for the display. Thus, the amplifier
must be capable of sourcing and sinking capacitive pulses of
current, which can occasionally be quite large (a few 100mA
for typical applications).
The ISL97646 VCOM amplifier's output current is limited to
400mA. This limit level, which is roughly the same for sourcing
and sinking, is included to maintain reliable operation of the
part. It does not necessarily prevent a large temperature rise if
the current is maintained. (In this case the whole chip may be
shut down by the thermal trip to protect functionality). If the
display occasionally demands current pulses higher than this
limit, the reservoir capacitor will provide the excess and the
amplifier will top the reservoir capacitor back up once the pulse
has stopped. This will happen on the µs time scale in practical
systems and for pulses 2 or 3 times the current limit, the VCOM
voltage will have settled again before the next line is
processed.
Fault Protection
ISL97646 provides the overall fault protections including
overcurrent protection and over-temperature protection.
An internal temperature sensor continuously monitors the die
temperature. In the event that die temperature exceeds the
thermal trip point, the device will shut down and disable itself.
The upper and lower trip points are typically set to +140°C and
+100°C, respectively.
FIGURE 17. GATE PULSE MODULATOR TIMING DIAGRAM
DELAY TIME
CONTROLLED BY CE
SLOPE CONTROLLED
BY RE AND LOAD
CAPACITANCE
VGH
VDD_1
VDPM
VFLK
VGH_M
0
0
0
FIGURE 18. START-UP SEQUENCE
VIN
VDPM
AVDD
0
0
0
ENABLE
0
LDO OUTPUT
VGH_M
VIN THRESHOLD
FIGURE 19. CIRCUIT TO DISCONNECT THE DC PATH OF
BOOST CONVERTER
INPUT
ENABLE
TO INDUCTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com