Electronic Components Datasheet Search
  English  ▼

X  

ISL97646 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97646
Description  Boost LDO VON Slice VCOM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97646 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97646 Datasheet HTML 1Page - Renesas Technology Corp ISL97646 Datasheet HTML 2Page - Renesas Technology Corp ISL97646 Datasheet HTML 3Page - Renesas Technology Corp ISL97646 Datasheet HTML 4Page - Renesas Technology Corp ISL97646 Datasheet HTML 5Page - Renesas Technology Corp ISL97646 Datasheet HTML 6Page - Renesas Technology Corp ISL97646 Datasheet HTML 7Page - Renesas Technology Corp ISL97646 Datasheet HTML 8Page - Renesas Technology Corp ISL97646 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL97646
FN6265 Rev 2.00
Page 2 of 15
February 8, 2016
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1
GND
Ground
2
VGH_M
Gate Pulse Modulation Output
3
VFLK
Gate Pulse Modulation Control Input
4
VDPM
Gate Pulse Modulation Enable
5
VDD_1
Gate Pulse Modulation Lower Voltage Input
6VDD_2
VCOM Amplifier Supply
7OUT
VCOM Amplifier Output
8NEG
VCOM Amplifier Inverting Input
9POS
VCOM Amplifier Noninverting Input
10
AGND
VCOM Amplifier Ground
11
ADJ
LDO Output Adjust Pin
12
LDO_OUT
LDO Output
13
VIN_1
LDO power supply
14
SS
Boost Converter Soft-start. Connect a capacitor between this pin and GND to set the soft-start
time.
15
COMP
Boost Converter Compensation Pin. Connect a series resistor and capacitor between this pin and
GND to optimize transient response.
16
FREQ
Boost Converter Frequency Select.
17
VIN_2
Boost Converter Power Supply
18
LX
Boost Converter Switching Node
19
ENABLE
Chip Enable Pin. Connect to VIN1 for normal operation, GND for shutdown.
20
FB
Boost Converter Feedback
21
PGND
Boost Converter Power Ground
22
CE
Gate Pulse Modulator Delay Control. Connect a capacitor between this pin and GND to set the
delay time.
23
RE
Gate Pulse Modulator Slew Control. Connect a resistor between this pin and GND to set the falling
slew rate.
24
VGH
Gate Pulse Modulator High Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com