Electronic Components Datasheet Search
  English  ▼

X  

ABR300 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ABR300
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ABR300 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ABR300 Datasheet HTML 1Page - Arch Electronics Corp. ABR300 Datasheet HTML 2Page - Arch Electronics Corp. ABR300 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_3
update : 2017.11.23
AC-DC ITE Full Brick
ABR300 SERIES
300 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Please connection Fig 1.1 for standard use.
3. Refer to instruction manual for measuring method of electric characteristics.
4. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
Model No.
ABR300-12S
ABR300-24S
ABR300-28S
ABR300-48S
Max Output Wattage (W)
300W
Input
Voltage
90-264 VAC
Frequency (Hz)
50/60 Hz (47-63 Hz)
Current (Full load)
<4.0 A (100 VAC) / <2.0 A max. (200 VAC)
Inrush Current (<2ms)
Limited by external resistance
Leakage Current
< 0.75 mA max.
Power Factor (typ.)
PF>0.95 (100 VAC) / PF>0.9 (200 VAC) at Full Load
Output
Voltage (V.DC.)
12V
24V
28V
48V
Trim (V.DC)
10.8 ~ 13.2V
21.6 ~ 26.4V
25.2 ~ 30.8V
43.2 ~ 52.8V
Voltage Accuracy
±2%
Current (A) (max.)
25
12.5
11
6.25
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Ripple & Noise (max.)
150mV
200mV
200mV
300mV
Efficiency (at 230VAC)
90%
90.5%
90.5%
91%
Remote Sensing
Provided
ENA
Open collector (10mA sink current), Low (on) when output is present.
Hold-up Time
Limited by external capacitor
Protection
Over Current Protection
Auto recovery
Over Voltage Protection
Auto recovery
Over Temperature Protection
Auto recovery
Short Circuit Protection
Auto recovery, Hiccup mode
Isolation
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
2000V
Output-FG .(V.AC)
500V
Environment
Operating Temperature
-40°C…+100°C (On Aluminum Base Plate)
Storage Temperature
-40°C…+100°C
Temperature Coefficient
±0.05%/°C ( 0~50°C )
Humidity
20~95% RH (Non condensing)
MTBF
>250,000 h @ 25°C (MIL-HDBK-217F, Notice 1)
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Physical
Dimension (L x W x H)
4.62 x 2.42 x 0.52 Inches ( 117.3 x 61.5 x 13.2 mm ) max.
Weight
111 g
Cooling Method
Conduction cooling
Safety
Agency Approvals
UL60950-1, EN90950-1
Other
Cooling Method
Cooling Method
KEY FEATURES
Switching Power Module for PCB Mountable
Universal Input: 90-264 VAC
Full Brick Size with Base Plate
Over Current Protection
Over Voltage Protection
Over Temperature Protection
Short Circuit Protection
Remote Sense
3-Year Product Warranty


Similar Part No. - ABR300

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ABR300E ARCH-ABR300E Datasheet
555Kb / 5P
Enclosed Switching Power Supply
ABR300E-12S ARCH-ABR300E-12S Datasheet
555Kb / 5P
Enclosed Switching Power Supply
ABR300E-24S ARCH-ABR300E-24S Datasheet
555Kb / 5P
Enclosed Switching Power Supply
ABR300E-28S ARCH-ABR300E-28S Datasheet
555Kb / 5P
Enclosed Switching Power Supply
More results

Similar Description - ABR300

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com